Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD070 Datasheet(PDF) 1 Page - ANADIGICS, Inc

Part # PD070
Description  70關m InGaAs Photodiode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

PD070 Datasheet(HTML) 1 Page - ANADIGICS, Inc

  PD070 Datasheet HTML 1Page - ANADIGICS, Inc PD070 Datasheet HTML 2Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PD070
70
μm InGaAs Photodiode
PD070-003-0xx
Ceramic Sub-Mount
PD070-003-1xx
TO can Package
FEATURES
Planar Structure
High Responsivity
Low Dark Current
Dielectric Passivation
100% Purge Burn-in
APPLICATIONS
1.25Gb/s and 2.5Gb/s Optical Receivers
Gigabit Ethernet and OC-48 / STM-16
Test and Measurement
Analog Communication Systems
PD070-003-3xx
SC/APC Pigtail
PD070-003-5xx
FC Receptacle
PRODUCT DESCRIPTION
The PD070 is an InGaAs photodiode with a
photosensitive region 70
μm in diameter. It is
intended for use in high speed, low noise
communication systems, such as 1.25Gb/s or
2.5Gb/s optical receivers and for use in optical
test and measurement equipment.
Planar semiconductor design and dielectric
passivation provide low noise performance.
Reliability is assured by hermetic sealing and
100% purge burn-in (200°C, 15 hours, Vr = 20V).
The device can be assembled on a ceramic sub-
mount or in a TO can. It can be pigtailed with SC,
FC or ST connectors (UPC or APC). It can also be
mounted in an SC, ST of FC receptacle. Custom
packages are an option.
ELECTRICAL CHARACTERISTICS
Table 1: Electrical Specifications
PARAMETER
MIN
TYP
MAX
UNIT
Dark Current (ID)
-
0.1
1.0
nA
Capacitance (Ceramic sub-mount)
(1)
-
0.4
0.5
pF
Capacitance (Receptacle, Pigtail, TO can)
(1)
-
0.6
0.7
pF
Responsivity at 1310nm (Ceramic sub-mount)
0.80
0.90
-
A/W
Responsivity at 1550nm (Ceramic sub-mount)
0.85
0.95
-
A/W
Responsivity at 1310nm (Receptacle, Pigtail, TO can)
0.80
0.85
-
A/W
Responsivity at 1550nm (Receptacle, Pigtail, TO can)
0.85
0.90
-
A/W
3dB bandwidth (50Ω) (Ceramic sub-mount)
(1)
5300
6600
-
MHz
3dB bandwidth (50Ω) (Receptacle, Pigtail, TO can)
(1)
3800
4400
-
MHz
Optical Return Loss (Pigtail using SMF-28)
50
55
-
dB
Optical Return Loss (Receptacle, APC connector)
40
45
-
dB
Operating voltage
-
5
20
V
(1) 5V bias voltage


Similar Part No. - PD070

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
PD070-HL1 ANADIGICS-PD070-HL1 Datasheet
178Kb / 2P
High Performance Analog Photodiode
Rev 1.0
PD070-HL1-300 ANADIGICS-PD070-HL1-300 Datasheet
178Kb / 2P
High Performance Analog Photodiode
Rev 1.0
PD070-HL1-3XX ANADIGICS-PD070-HL1-3XX Datasheet
178Kb / 2P
High Performance Analog Photodiode
Rev 1.0
PD070-HL1-520 ANADIGICS-PD070-HL1-520 Datasheet
178Kb / 2P
High Performance Analog Photodiode
Rev 1.0
PD070-HL1-5XX ANADIGICS-PD070-HL1-5XX Datasheet
178Kb / 2P
High Performance Analog Photodiode
Rev 1.0
More results

Similar Description - PD070

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
PD030 ANADIGICS-PD030 Datasheet
134Kb / 2P
30關m InGaAs Photodiode
Rev 1.0
PD075 ANADIGICS-PD075 Datasheet
180Kb / 2P
75關m InGaAs Photodiode
Rev 1.0
PD100 ANADIGICS-PD100 Datasheet
179Kb / 2P
100關m InGaAs Photodiode
Rev 1.0
PD300 ANADIGICS-PD300 Datasheet
179Kb / 2P
300關m InGaAs Photodiode
Rev 1.0
PD500 ANADIGICS-PD500 Datasheet
122Kb / 2P
500關m InGaAs Photodiode
Rev 1.0
logo
Roithner LaserTechnik G...
IPD14-12-5T-2 ROITHNER-IPD14-12-5T-2 Datasheet
445Kb / 2P
ingaas photodiode
logo
List of Unclassifed Man...
SD039-121-011 ETC2-SD039-121-011 Datasheet
170Kb / 2P
InGaAs Photodiode
logo
Luna Innovations Incorp...
SD197-121-041 LUNA-SD197-121-041 Datasheet
164Kb / 2P
InGaAs Photodiode
logo
Advanced Photonix, Inc.
SD197-121-041 ADVANCEDPHOTONIX-SD197-121-041 Datasheet
382Kb / 2P
InGaAs Photodiode
SD012-121-011 ADVANCEDPHOTONIX-SD012-121-011 Datasheet
126Kb / 2P
InGaAs Photodiode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com