Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD500 Datasheet(PDF) 1 Page - ANADIGICS, Inc

Part # PD500
Description  500關m InGaAs Photodiode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

PD500 Datasheet(HTML) 1 Page - ANADIGICS, Inc

  PD500 Datasheet HTML 1Page - ANADIGICS, Inc PD500 Datasheet HTML 2Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PD500
500
μm InGaAs Photodiode
FEATURES
•
Planar Structure
•
Dielectric Passivation
•
High Shunt Resistance
•
High Responsivity
APPLICATIONS
•
High Sensitivity Instrumentation
•
Laser Back Facet Monitoring
PD500-0xx
Ceramic Sub-Mount
PD500-1xx
TO can Package
PRODUCT DESCRIPTION
The PD500 is an InGaAs photodiode with a
photosensitive region 500
μm in diameter. It is
intended
for
use
in
high
sensitivity
instrumentation, laser back-facet monitoring
and low bit rate communication systems.
Planar semiconductor design and dielectric
passivation provide superior noise performance.
The device can be assembled on a ceramic sub-
mount or in an hermetic TO46 can. Custom
packages are an option.
ELECTRICAL CHARACTERISTICS
Table 1: Electrical Specifications
PARAMETER
MIN
TYP
MAX
UNIT
Dark Current (ID)
(1)
-
25
-
nA
Capacitance
(2)
-
20
-
pF
Responsivity at 1310nm
0.80
0.90
-
A/W
Responsivity at 1550nm
0.85
0.95
-
A/W
Rise/Fall time
-
3
-
ns
Shunt Resistance (Class A)
(2)
50
-
-
MΩ
(1) 5V reverse bias
(2) 0V reverse bias


Similar Part No. - PD500

ManufacturerPart #DatasheetDescription
logo
Comus International
PD5005-7TC COMUS-PD5005-7TC Datasheet
5Mb / 1P
2.5A Hybrid Tilt Switch - Mercurt Free Product Data Sheet
More results

Similar Description - PD500

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
PD030 ANADIGICS-PD030 Datasheet
134Kb / 2P
30關m InGaAs Photodiode
Rev 1.0
PD070 ANADIGICS-PD070 Datasheet
179Kb / 2P
70關m InGaAs Photodiode
Rev 1.0
PD075 ANADIGICS-PD075 Datasheet
180Kb / 2P
75關m InGaAs Photodiode
Rev 1.0
PD100 ANADIGICS-PD100 Datasheet
179Kb / 2P
100關m InGaAs Photodiode
Rev 1.0
PD300 ANADIGICS-PD300 Datasheet
179Kb / 2P
300關m InGaAs Photodiode
Rev 1.0
logo
Roithner LaserTechnik G...
IPD14-12-5T-2 ROITHNER-IPD14-12-5T-2 Datasheet
445Kb / 2P
ingaas photodiode
logo
List of Unclassifed Man...
SD039-121-011 ETC2-SD039-121-011 Datasheet
170Kb / 2P
InGaAs Photodiode
logo
Luna Innovations Incorp...
SD197-121-041 LUNA-SD197-121-041 Datasheet
164Kb / 2P
InGaAs Photodiode
logo
Advanced Photonix, Inc.
SD197-121-041 ADVANCEDPHOTONIX-SD197-121-041 Datasheet
382Kb / 2P
InGaAs Photodiode
SD012-121-011 ADVANCEDPHOTONIX-SD012-121-011 Datasheet
126Kb / 2P
InGaAs Photodiode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com