Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFSP2020 Datasheet(PDF) 2 Page - ANADIGICS, Inc

Part # RFSP2020
Description  2.4-2.5 GHz Power Amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

RFSP2020 Datasheet(HTML) 2 Page - ANADIGICS, Inc

  RFSP2020 Datasheet HTML 1Page - ANADIGICS, Inc RFSP2020 Datasheet HTML 2Page - ANADIGICS, Inc RFSP2020 Datasheet HTML 3Page - ANADIGICS, Inc RFSP2020 Datasheet HTML 4Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
05/2003
2
RFSP2020
2.4–2.5 GHz Power Amplifier
Specification
Min.
Typ.
Max.
Unit
Condition
Overall
Frequency Range
2400
2500
MHz
Output P1dB
25
dBm
Gain
30
dB
POUT = +18 dBm
Error Vector Magnitude
1.5
%
POUT = +18 dBm; 54 Mbps OFDM signal
Gain Flatness
±0.75
dB
Across 100 MHz Band
Harmonics
2
Harmonic
-27
dBc
3 Harmonic
-50
dBc
Spurious (Stability)
-60
dBc/30 kHz
POUT = -20 dBm to P1dB
Reverse Isolation
40
dB
Input Return Loss
10
dB
Output Return Loss
10
dB
Power Supply
Operating Voltage
3.3
V
Current Consumption
110
215
mA
mA
POUT = +18 dBm; 54 Mbps OFDM signal
POUT = +23 dBm; 802.11b ACPR compliant
Detector Characteristics
Output Voltage
0.5
V
POUT = +25 dBm; RL = 5 k
Output Voltage
0.1
V
POUT = +19 dBm; RL = 5 k
Reference Diode
Available as part of matched pair
Shutdown Control
Device On Logic High
3.3
V
Device Off Logic Low
0.7
V
Device Off Current
1
µA
Turn-On Time
0.8
µs
With 50Ω source
Turn-Off Time
1.0
µs
With 50Ω source
Note 1: Test Conditions:VCC = 3. 3V, Freq. = 2450 MHz, T =25°C, Small Signal Conditions unless otherwise stated.
Note 2: Increase in EVM over system EVM floor.
Note 3: Load VSWR is set to 7:1 and the angle is varied 360 degrees.
Absolute Maximum Ratings
DC Power Supply
6.0
V
DC Supply Current
400
mA
Maximum RF input level
-1
dBm
Operating Ambient Temperature
-40 to +85
°C
Storage Temperature
-55 to +150
°C
Ordering Information
Part Number
PRFS-P2020-EVL
-40 to +85
Evaluation Board
1
PRFS-P2020-005
-40 to +85
13" Reverse Tape/Reel
2500 pcs.
PRFS-P2020-006
-40 to +85
13" Tape/Reel
2500 pcs.
PRFS-P2020-007
-40 to +85
7" Reverse Tape/Reel
1000 pcs.
PRFS-P2020-008
-40 to +85
7" Tape/Reel
1000 pcs.
PRFS-P2020-009
-40 to +85
Bulk – 4x4 mm 24-pin LPCC
1-999 pcs.
Parameter
1
2
nd
rd
3
@ P1dB
@ P1dB
Parameter
Rating
Unit
Quantity
Package Description
Temp. Range (°C)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com