Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFSP5032 Datasheet(PDF) 12 Page - ANADIGICS, Inc

Part # RFSP5032
Description  5 GHz 802.11a WLAN Power Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

RFSP5032 Datasheet(HTML) 12 Page - ANADIGICS, Inc

Back Button RFSP5032 Datasheet HTML 4Page - ANADIGICS, Inc RFSP5032 Datasheet HTML 5Page - ANADIGICS, Inc RFSP5032 Datasheet HTML 6Page - ANADIGICS, Inc RFSP5032 Datasheet HTML 7Page - ANADIGICS, Inc RFSP5032 Datasheet HTML 8Page - ANADIGICS, Inc RFSP5032 Datasheet HTML 9Page - ANADIGICS, Inc RFSP5032 Datasheet HTML 10Page - ANADIGICS, Inc RFSP5032 Datasheet HTML 11Page - ANADIGICS, Inc RFSP5032 Datasheet HTML 12Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
WARNING
ANADIGICS products are not intended for use in life support appliances, devices or systems. Use of an ANADIGICS
product in any such application without written consent is prohibited.
IMPORTANT NOTICE
ANADIGICS, Inc.
141 Mount Bethel Road
Warren, New Jersey 07059, U.S.A.
Tel: +1 (908) 668-5000
Fax: +1 (908) 668-5132
URL: http://www.anadigics.com
E-mail: Mktg@anadigics.com
ANADIGICS, Inc. reserves the right to make changes to its products or to discontinue any product at any time without
notice. The product specifications contained in Advanced Product Information sheets and Preliminary Data Sheets are
subject to change prior to a product’s formal introduction. Information in Data Sheets have been carefully checked and are
assumed to be reliable; however, ANADIGICS assumes no responsibilities for inaccuracies. ANADIGICS strongly urges
customers to verify that the information they are using is current before placing orders.
PRELIMINARY DATA SHEET - Rev 1.4
04/2006
12
RFS P5032
ORDERING INFORMATION
R
E
B
M
U
N
R
E
D
R
O
E
R
U
T
A
R
E
P
M
E
T
E
G
N
A
R
E
G
A
K
C
A
P
N
O
I
T
P
I
R
C
S
E
D
G
N
I
G
A
K
C
A
P
T
N
E
N
O
P
M
O
C
1
Q
2
3
S
R
2
3
0
5
S
F
RC
°
5
8
+
o
t
C
°
0
4
-
n
i
P
2
1
m
m
9
.
0
x
m
m
3
x
m
m
3
C
C
P
L
l
e
e
R
d
n
a
e
p
a
T
e
c
e
i
p
0
0
0
,
1
0
P
2
3
S
R
2
3
0
5
S
F
RC
°
5
8
+
o
t
C
°
0
4
-
n
i
P
2
1
m
m
9
.
0
x
m
m
3
x
m
m
3
C
C
P
L
s
e
b
u
T
e
c
e
i
p
9
9
9
-
1
6
P
2
3
S
R
2
3
0
5
S
F
RC
°
5
8
+
o
t
C
°
0
4
-
n
i
P
2
1
m
m
9
.
0
x
m
m
3
x
m
m
3
C
C
P
L
y
a
r
T
e
c
e
i
p
9
9
9
-
1
2
3
S
R
2
3
0
5
A
V
EC
°
5
8
+
o
t
C
°
0
4
-
n
i
P
2
1
m
m
9
.
0
x
m
m
3
x
m
m
3
C
C
P
L
d
r
a
o
B
n
o
it
a
u
l
a
v
E
e
c
e
i
p
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com