Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APA2020 Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APA2020
Description  Stereo 2-W Audio Power Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA2020 Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APA2020 Datasheet HTML 1Page - Anpec Electronics Coropration APA2020 Datasheet HTML 2Page - Anpec Electronics Coropration APA2020 Datasheet HTML 3Page - Anpec Electronics Coropration APA2020 Datasheet HTML 4Page - Anpec Electronics Coropration APA2020 Datasheet HTML 5Page - Anpec Electronics Coropration APA2020 Datasheet HTML 6Page - Anpec Electronics Coropration APA2020 Datasheet HTML 7Page - Anpec Electronics Coropration APA2020 Datasheet HTML 8Page - Anpec Electronics Coropration APA2020 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
Copyright  ANPEC Electronics Corp.
Rev. A.8 - Nov., 2002
APA2020
www.anpec.com.tw
4
Electrical Characteristics (Cont.)
AC Operating Characteristics , V
DD= 5V , TA= 25°C , RL= 4Ω (unless otherwise noted)
APA2020
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
PSRR
Power supply ripple rejection
f =100 Hz
80
dB
Mute attenuation
85
dB
Channel-to-channel output
separation
85
dB
Line HP input separation
75
dB
BTL attenuation in SE mode
80
dB
ZI
Input impedance
2MW
Signal-to-noise ratio
Po = 500 mW , BTL
90
dB
Vn
Output noise voltage
80
ìV(
rms)
Notes 1 : Output power is meaured at the output teminals of the IC at 1 KHz.
Electrical Characteristics (Cont.)
APA2020
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
THD = 10% , BTL , RL=4
RL=8
1
0.6
THD = 1% , BTL , RL=4
RL=8
0.8
0.5
W
THD = 10% , SE , RL=4
RL=8
290
180
P(out)
Output power (each channel )
see Note 2
THD = 1% , SE , RL=4
RL=8
THD = 0.5% , SE , RL=32
230
140
43
mW
PO = 1.6W , BTL , RL=4
PO = 1W , BTL ,
RL=8
PO = 78mW , SE ,RL=32
270
150
20
THD + N Total harmonic distortion
plus
noise
V1 = 1V , RL=4
Ω , G = 1
10
m%
BOM
Maximum output power
bandwidth
G = 10 , THD < 1%
>20
KHz
RL = 4
Ω , BTL
92
RL = 4
Ω , Open Load
70
Phase margin
RL = 4
Ω , SE
57
°
Notes 2 : Output power is meaured at the output teminals of the IC at 1 KHz.
AC Operating Characteristics , V
DD= 3.3V , TA= 25°C , RL= 4Ω (unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com