Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APC558 Datasheet(PDF) 1 Page - Anpec Electronics Coropration

Part # APC558
Description  Dual Operational Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APC558 Datasheet(HTML) 1 Page - Anpec Electronics Coropration

  APC558 Datasheet HTML 1Page - Anpec Electronics Coropration APC558 Datasheet HTML 2Page - Anpec Electronics Coropration APC558 Datasheet HTML 3Page - Anpec Electronics Coropration APC558 Datasheet HTML 4Page - Anpec Electronics Coropration APC558 Datasheet HTML 5Page - Anpec Electronics Coropration APC558 Datasheet HTML 6Page - Anpec Electronics Coropration APC558 Datasheet HTML 7Page - Anpec Electronics Coropration APC558 Datasheet HTML 8Page - Anpec Electronics Coropration APC558 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Copyright  ANPEC Electronics Corp.
Rev. A.4 - July., 2002
APC558
www.anpec.com.tw
1
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and advise
customers to obtain the latest version of relevant information to verify before placing orders.
Dual Operational Amplifier
Features
Applications
General Description
Ordering and Marking Information
••••• Power Supply Range :
• Signal Supply : 3V to 20V
• Dual Supply : ± 1.5V to ± 10V
••••• Large DC Voltage Gain : 100dB
••••• Large Output Swing : 0V ~ V
DD- 1.5V
••••• Bandwidth(unity gain) : 2MHz
••••• Internally Frequency Compensated for Unity
Gain
••••• Low Input Offset Voltage : 1mV
••••• Amplifiers
••••• Filters
••••• Analog Circuit
P a ck age C ode
J : P D IP
K : S O P -8
O : T S S O P -8
Te m p . R a ng e
C : 0 to 7 0 C
H andlin g C ode
TU : Tub e
TR : Tap e & R e el
Lead F ree C ode
L : L ea d F ree D e vic e
B lan k : O rigin al D e vic e
AP C 5 5 8
H andlin g C ode
Te m p . R a ng e
P a ck age C ode
°
A P C 558 J :
APC5 5 8
XXXXX
XXXXX - D a te C od e
A P C 558 K /O :
APC5 5 8
XXXXX
XXXXX - D a te C od e
Lead F ree C ode
The APC558 consists of two independent, high gain,
internally frequency compensated operational am-
plifiers which were designed specifically to operate
from a single power supply up to 20 volts. Operation
from dual power supplies is also possible and the
power supply current drain is essentially indepen-
dent of the magnitude of the power supply voltage.
Application areas include transducer amplifiers, DC
gain blocks and all the conventional OP amplifier
circuits which can be more easily implemented in
single power supply systems. (For example, the
APC558 can be directly operated from the standard
+5V power supply voltage which is normally used in
digital systems.)


Similar Part No. - APC558

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
APC5568-3V BEL-APC5568-3V Datasheet
113Kb / 2P
ISDN S Interface Hybrid
APC5568-3V-F BEL-APC5568-3V-F Datasheet
127Kb / 2P
ISDN S Interface Hybrid
APC5568-5V BEL-APC5568-5V Datasheet
109Kb / 2P
ISDN S Interface Hybrid
APC5568DS-3V BEL-APC5568DS-3V Datasheet
87Kb / 2P
SMD ISDN S Interface Hybrid
APC5568DS-3V-F BEL-APC5568DS-3V-F Datasheet
120Kb / 2P
SMD ISDN S Interface Hybrid
More results

Similar Description - APC558

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA75458P TOSHIBA-TA75458P Datasheet
386Kb / 12P
DUAL OPERATIONAL AMPLIFIER
logo
Unisonic Technologies
UTCMC4558 UTC-UTCMC4558 Datasheet
110Kb / 5P
DUAL OPERATIONAL AMPLIFIER
logo
Rohm
BA4558 ROHM-BA4558 Datasheet
58Kb / 5P
Dual operational amplifier
logo
Hitachi Semiconductor
HA17458 HITACHI-HA17458 Datasheet
46Kb / 10P
Dual Operational Amplifier
logo
Integral Corp.
IL4580 INTEGRAL-IL4580 Datasheet
609Kb / 5P
DUAL OPERATIONAL AMPLIFIER
logo
Renesas Technology Corp
HA17904 RENESAS-HA17904 Datasheet
199Kb / 8P
Dual Operational Amplifier
HA17458 RENESAS-HA17458 Datasheet
99Kb / 9P
Dual Operational Amplifier
logo
IK Semicon Co., Ltd
IL4580 IKSEMICON-IL4580 Datasheet
610Kb / 5P
DUAL OPERATIONAL AMPLIFIER
logo
SeCoS Halbleitertechnol...
SGSC4558 SECOS-SGSC4558 Datasheet
528Kb / 4P
Dual Operational Amplifier
logo
New Japan Radio
NJM4560E NJRC-NJM4560E Datasheet
203Kb / 5P
DUAL OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com