Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL5151 Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APL5151
Description  Low IQ, Low Dropout 150mA Fixed Voltage Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5151 Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APL5151 Datasheet HTML 1Page - Anpec Electronics Coropration APL5151 Datasheet HTML 2Page - Anpec Electronics Coropration APL5151 Datasheet HTML 3Page - Anpec Electronics Coropration APL5151 Datasheet HTML 4Page - Anpec Electronics Coropration APL5151 Datasheet HTML 5Page - Anpec Electronics Coropration APL5151 Datasheet HTML 6Page - Anpec Electronics Coropration APL5151 Datasheet HTML 7Page - Anpec Electronics Coropration APL5151 Datasheet HTML 8Page - Anpec Electronics Coropration APL5151 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. B.4 - May., 2005
APL5151/2/3/4
www.anpec.com.tw
4
Electrical Characteristics (Cont.)
Unless otherwise noted these specifications apply over full temperature , VIN=3.6V, CIN=COUT=1uF, SHDN=VIN,
T
J=0 to 125°C . Typical values refer to T
J
=25
°C .
APL5151/2/3/4
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
PSRR Ripple Rejection
F
≤1kHz, 1Vpp at V
IN = VOUT+1.0V
CBP=0.1
µF, COUT = 1µF
45
55
dB
1.3V
≤VOUT<1.5V
1.2
1.4
1.5V
≤VOUT<2.0
1
1.2
2.0V
≤VOUT<2.5
0.7
0.8
2.5V
≤VOUT<3
0.3
0.4
V
DROP
Dropout Voltage
(Note)
I
OUT =150mA
3V
≤VOUT≤5
0.2
0.3
V
No load
50
80
I
Q
Quiescent Current
IOUT=150mA
135
170
µA
Shutdown Supply
Current
Shutdown = low
I
OUT=0, VCC =6.0V
0.01
1
µA
100Hz<f<100kHz, typical load,
CBP=0.1
µF, COUT = 1µF
80
Noise
100Hz<f<100kHz, typical load,
CBP=0.33
µF, COUT = 1µF
60
µVrms
CBP=0.1
µF,C
OUT=1µF, no load
4
Shutdown Recovery
Delay
CBP=0.33
µF,C
OUT=1µF, no load
13.2
ms
OTS
Over Temperature
Shutdown
150
°C
Over Temperature
Shutdown Hysteresis
Hysteresis
10
°C
TC
Output Voltage
Temperature
Coefficient
50
ppm/
°C
C
OUT
Output Capacitor
0.8
1.0
2.6
µF
ESR
0.02
0.1
1
Ohm
Shutdown Input
Threshold
V
OUT+1.0V< VIN <6.0V
0.4
1.6
2.5
V
I
SHDN
Shutdown Input Bias
Current
V
SHDN =VIN
0.01
100
nA
Input Reverse Leakage
Current
VOUT-VIN=0.1V
0.1
0.5
µA
Reverse Protection
Threshold
11
50
mV
Note: Dropout voltage definition : VIN-VOUT when VOUT is 2% below the value of VOUT for VIN = VOUT + 0.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com