Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL5885 Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APL5885
Description  500mA Low Dropout Linear Regulator of Adjustable and Fixed Voltages
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5885 Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APL5885 Datasheet HTML 1Page - Anpec Electronics Coropration APL5885 Datasheet HTML 2Page - Anpec Electronics Coropration APL5885 Datasheet HTML 3Page - Anpec Electronics Coropration APL5885 Datasheet HTML 4Page - Anpec Electronics Coropration APL5885 Datasheet HTML 5Page - Anpec Electronics Coropration APL5885 Datasheet HTML 6Page - Anpec Electronics Coropration APL5885 Datasheet HTML 7Page - Anpec Electronics Coropration APL5885 Datasheet HTML 8Page - Anpec Electronics Coropration APL5885 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
APL5885
Copyright
 ANPEC Electronics Corp.
Rev. A.6 - Apr., 2003
www.anpec.com.tw
2
Electrical Characteristics (T
A=25°C, unless otherwise noted)
APL5885
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
V
N
Input Voltage
V
OUT +1.45V
8
V
V
OUT
Output Voltage
I
OUT=10mA
0.9 V
OUT
1.02 V
OUT
V
I
OUT
Output Current
Capability
∆V
OUT=2%
500
mA
I
SC
Short Circuit Current V
OUT<0.4V
800
mA
I
Q
Quiescent Current
V
IN=5V , No Load
6
10
mA
REG
LINE
Line Regulation
APL5885
APL5885-18
APL5885-25
APL5885-33
T
J =0~125°C
I
OUT=10mA, VOUT+1.7V≤VIN ≤8V
I
OUT=0A, 3.5V≤VIN≤8V
I
OUT=0A, 4.2V≤VIN≤8V
I
OUT=0A, 5V≤VIN ≤8V
36
mV
REG
LOAD
Load Regulation
APL5885
APL5885-18
APL5885-25
APL5885-33
T
J =0~125°C
(V
IN -VOUT)=1.7V, 0≤ IOUT ≤0.5A
V
IN=3.5V, 0≤ IOUT ≤0.5A
V
IN =4.2V, 0≤ IOUT ≤0.5A
V
IN=5V, 0≤ IOUT ≤0.5A
0.4
0.6
%
V
DROPOUT
Dropout Voltage
I
OUT=500mA , ∆VOUT=1%
1300
1450
mV
PSRR
Power Supply
Rejection Ratio
at 1kHz
55
dB
OTS
Over Temperature
Shutdown
150
°C
E
N
Output Noise
100
µVrms
TC
Output Voltage
Temperature
Coefficient
100
ppm/
°C
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
V
IN
Input Voltage
9
V
I
OUT
Output Current
500
mA
T
A
Operating Ambient Temperature Range
0 to 70
°C
T
J
Operating Ambient Temperature Range
-40 to +150
°C
T
STG
Storage Temperature Range
-65 to +150
°C
P
D
Power Dissipation Package
Interanl Limited
SOT-89
180
θ
JA
Thermal Resistance
TO- 9 2
1 8 0
°C / W



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com