Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL6535 Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APL6535
Description  Two-Channel Supervisory IC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL6535 Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APL6535 Datasheet HTML 1Page - Anpec Electronics Coropration APL6535 Datasheet HTML 2Page - Anpec Electronics Coropration APL6535 Datasheet HTML 3Page - Anpec Electronics Coropration APL6535 Datasheet HTML 4Page - Anpec Electronics Coropration APL6535 Datasheet HTML 5Page - Anpec Electronics Coropration APL6535 Datasheet HTML 6Page - Anpec Electronics Coropration APL6535 Datasheet HTML 7Page - Anpec Electronics Coropration APL6535 Datasheet HTML 8Page - Anpec Electronics Coropration APL6535 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Copyright
© ANPEC Electronics Corp. Rev.
Rev. A.1 - May., 2005
www.anpec.com.tw
4
APL6535
Electrical Characteristics
Unless Otherwise noted these specifications apply over full temperature, Vcc = 3.3V, TJ =- 40 °C to 85°C
Typical values refer to TJ =25°C
APL6535
Symbol
Parameter
Test condition
Min.
Typ. Max.
Unit
B BIAS
VMON > VMON_L2H
40
400
µA
ICC
Supply Current
(EN enable)
VMON < VMON_H2L
230 2000 µA
VMON > VMON_L2H
50
500
µA
ICC
Supply Current
(EN disable)
VMON < VMON_H2L
50
500
µA
VCC_L2H
VCC Power On
VCC low to high
2.6
V
VCC_POR
VCC Power On Reset
VCC high to low
2.4
V
PGOOD
PGpd
Pull-Down Current
VPGOOD=0.5V
10
mA
PGpu
Pull-Up Resistance
20
K
Ω
VPGI
Output Low
VCC = 1V
0
100
mV
TPG del
VMON
Delay From VMON Rising
Last valid input =Vth to PG release
3
µs
TPG del ENR Delay From EN Rising
EN high to PG release
2
µs
TPG del ENF Delay From EN Falling
EN low to PG pulling low
10
ns
VMON Input
VMON_H2L
Falling Threshold Voltage
TJ=25
°C
0.623 0.633 0.643
V
VMON_TC
Falling Threshold
Temperature Coeff.
TJ=-40
°C to 85°C
100
µV/
°C
VVMON_HYS Hysteresis Voltage
15
mV
VVMON_RNG Range
10
mV
TFIL
Glitch Filter Duration
VMON glitch to PGOOD low filter
30
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com