Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APM2801B Datasheet(PDF) 3 Page - Anpec Electronics Coropration

Part # APM2801B
Description  P-Channel Enhancement Mode MOSFET with Schottky Diode
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APM2801B Datasheet(HTML) 3 Page - Anpec Electronics Coropration

  APM2801B Datasheet HTML 1Page - Anpec Electronics Coropration APM2801B Datasheet HTML 2Page - Anpec Electronics Coropration APM2801B Datasheet HTML 3Page - Anpec Electronics Coropration APM2801B Datasheet HTML 4Page - Anpec Electronics Coropration APM2801B Datasheet HTML 5Page - Anpec Electronics Coropration APM2801B Datasheet HTML 6Page - Anpec Electronics Coropration APM2801B Datasheet HTML 7Page - Anpec Electronics Coropration APM2801B Datasheet HTML 8Page - Anpec Electronics Coropration APM2801B Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. B.4 - Jun., 2005
www.anpec.com.tw
3
APM2801B
Electrical Characteristics (Cont.) (T
A = 25°C unless otherwise noted)
APM2801B
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
[MOSFET]
Dynamic Characteristics
b
Ciss
Input Capacitance
255
Coss
Output Capacitance
70
Crss
Reverse Transfer Capacitance
VGS=0V,
VDS=-20V,
Frequency=1.0MHz
45
pF
td(ON)
Turn-on Delay Time
6
10
Tr
Turn-on Rise Time
8
12
td(OFF)
Turn-off Delay Time
9.8
15
Tf
Turn-off Fall Time
VDD=-10V, RL=10Ω,
IDS=-1A, VGEN=-4.5V,
RG=6Ω
5
10
ns
Gate Charge Characteristics
b
Qg
Total Gate Charge
4
6
Qgs
Gate-Source Charge
0.6
Qgd
Gate-Drain Charge
VDS=-10V, VGS=-4.5V,
IDS=-1.5A
0.7
nC
[SBD]
VR
Reverse Voltage
IR=0.5mA
20
V
VF1
IF=10mA
0.4
V
VF2
Forward Voltage
IF=500mA
0.5
V
IR
Reverse Current
VR=15V
200
µA
C
b
Junction Capacitance
VR=10V,
Frequency=1.0MHz
45
pF
Notes:
a : Pulse test ; pulse width
≤ 300µs, duty cycle ≤ 2%.
b : Guaranteed by design, not subject to production testing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com