Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APM4536K Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APM4536K
Description  Dual Enhancement Mode MOSFET (N-and P-Channel)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APM4536K Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APM4536K Datasheet HTML 1Page - Anpec Electronics Coropration APM4536K Datasheet HTML 2Page - Anpec Electronics Coropration APM4536K Datasheet HTML 3Page - Anpec Electronics Coropration APM4536K Datasheet HTML 4Page - Anpec Electronics Coropration APM4536K Datasheet HTML 5Page - Anpec Electronics Coropration APM4536K Datasheet HTML 6Page - Anpec Electronics Coropration APM4536K Datasheet HTML 7Page - Anpec Electronics Coropration APM4536K Datasheet HTML 8Page - Anpec Electronics Coropration APM4536K Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Copyright  ANPEC Electronics Corp.
Rev. B.1 - Mar., 2005
www.anpec.com.tw
4
APM4536K
1E-4
1E-3
0.01
0.1
1
10 30
1E-3
0.01
0.1
1
2
Mounted on 1in
2 pad
R
θJA
: 62.5
oC/W
0.01
0.02
0.05
0.1
0.2
Single Pulse
Duty = 0.5
Typical Characteristics
Drain Current
Tj - Junction Temperature (°C)
Safe Operation Area
VDS - Drain - Source Voltage (V)
Thermal Transient Impedance
Square Wave Pulse Duration (sec)
Power Dissipation
Tj - Junction Temperature (°C)
N-Channel
0
204060
80
100 120 140 160
0.0
0.5
1.0
1.5
2.0
2.5
T
A
=25
oC
0
20
406080
100 120 140 160
0
1
2
3
4
5
6
T
A
=25
oC,V
G
=10V
0.01
0.1
1
10
100
0.01
0.1
1
10
100
1s
T
A
=25
O
C
10ms
300
µs
1ms
100ms
DC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com