Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APM4538K Datasheet(PDF) 1 Page - Anpec Electronics Coropration

Part # APM4538K
Description  Dual Enhancement Mode MOSFET (N-and P-Channel)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APM4538K Datasheet(HTML) 1 Page - Anpec Electronics Coropration

  APM4538K Datasheet HTML 1Page - Anpec Electronics Coropration APM4538K Datasheet HTML 2Page - Anpec Electronics Coropration APM4538K Datasheet HTML 3Page - Anpec Electronics Coropration APM4538K Datasheet HTML 4Page - Anpec Electronics Coropration APM4538K Datasheet HTML 5Page - Anpec Electronics Coropration APM4538K Datasheet HTML 6Page - Anpec Electronics Coropration APM4538K Datasheet HTML 7Page - Anpec Electronics Coropration APM4538K Datasheet HTML 8Page - Anpec Electronics Coropration APM4538K Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Dual Enhancement Mode MOSFET (N-and P-Channel)
Copyright  ANPEC Electronics Corp.
Rev. B.1 - Mar., 2005
www.anpec.com.tw
1
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and advise
customers to obtain the latest version of relevant information to verify before placing orders.
APM4538K
Features
Applications
• Power Management in Notebook Computer,
Portable Equipment and Battery Powered
Systems
Pin Description
Ordering and Marking Information
N-Channel MOSFET
APM 4538
Handling Code
Tem p. Range
Package Code
Package Code
K : SOP-8
Operating Junction Tem p. Range
C : -55 to 150°C
Handling Code
TU : Tube
TR : Tape & Reel
Lead Free Code
L : Lead Free Device Blank : Original Device
APM 4538 K :
APM 4538
XXXXX
XXXXX - Date Code
Lead Free Code
•
N-Channel
36V/5A,
R
DS(ON) =50mΩ(typ.) @ VGS = 10V
R
DS(ON) =60mΩ(typ.) @ VGS = 4.5V
••••• P-Channel
-36V/-4A,
R
DS(ON) =60mΩ(typ.) @ VGS =-10V
R
DS(ON) =80mΩ(typ.) @ VGS =-4.5V
••••• Super High Dense Cell Design
••••• Reliable and Rugged
••••• Lead Free Available (RoHS Compliant)
P-Channel MOSFET
G1
S1
S2
G2
D1
D1
D2
D2
Top View of SOP
− 8
G1
S1
D1
D1
(8)
(7)
(2)
(1)
D2
G2
S2
D2
(4)
(3)
(5)
(6)
Note: ANPEC lead-free products contain molding compounds/die attach materials and 100% matte in plate termina-
tion finish; which are fully compliant with RoHS and compatible with both SnPb and lead-free soldiering operations.
ANPEC lead-free products meet or exceed the lead-free requirements of IPC/JEDEC J STD-020C for MSL classifica-
tion at lead-free peak reflow temperature.


Similar Part No. - APM4538K

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APM4532 ANPEC-APM4532 Datasheet
205Kb / 13P
Dual Enhancement Mode MOSFET (N-and P-Channel)
APM4532K ANPEC-APM4532K Datasheet
159Kb / 13P
Dual Enhancement Mode MOSFET (N-and P-Channel)
APM4532KC-TR ANPEC-APM4532KC-TR Datasheet
205Kb / 13P
Dual Enhancement Mode MOSFET (N-and P-Channel)
APM4532KC-TR ANPEC-APM4532KC-TR Datasheet
159Kb / 13P
Dual Enhancement Mode MOSFET (N-and P-Channel)
APM4532KC-TRL ANPEC-APM4532KC-TRL Datasheet
159Kb / 13P
Dual Enhancement Mode MOSFET (N-and P-Channel)
More results

Similar Description - APM4538K

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APM4532 ANPEC-APM4532 Datasheet
205Kb / 13P
Dual Enhancement Mode MOSFET (N-and P-Channel)
APM9928 ANPEC-APM9928 Datasheet
292Kb / 13P
Dual Enhancement Mode MOSFET (N-and P-Channel)
APM4542 ANPEC-APM4542 Datasheet
270Kb / 13P
Dual Enhancement Mode MOSFET (N-and P-Channel)
APM4542K ANPEC-APM4542K Datasheet
153Kb / 13P
Dual Enhancement Mode MOSFET (N-and P-Channel)
APM4548K ANPEC-APM4548K Datasheet
250Kb / 13P
Dual Enhancement Mode MOSFET (N-and P-Channel)
logo
Sinopower Semiconductor...
APM4500AK SINOPWER-APM4500AK Datasheet
308Kb / 14P
Dual Enhancement Mode MOSFET (N- and P-Channel)
SM1A40CSQ SINOPWER-SM1A40CSQ Datasheet
275Kb / 14P
Dual Enhancement Mode MOSFET (N-and P-Channel)
SM7309CSKP SINOPWER-SM7309CSKP Datasheet
326Kb / 16P
Dual Enhancement Mode MOSFET (N-and P-Channel)
SM8403CSQ SINOPWER-SM8403CSQ Datasheet
279Kb / 14P
Dual Enhancement Mode MOSFET (N-and P-Channel)
SM3040CSU4 SINOPWER-SM3040CSU4 Datasheet
218Kb / 16P
Dual Enhancement Mode MOSFET (N-and P-Channel)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com