Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCR9L Datasheet(PDF) 1 Page - Littelfuse

Part # SCR9L
Description  Universal Lamp Alarm Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SCR9L Datasheet(HTML) 1 Page - Littelfuse

  SCR9L Datasheet HTML 1Page - Littelfuse SCR9L Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2016 Littelfuse Protection Relays & Controls
Flashers and Tower Lighting Controls
Tower and Obstruction Lighting Controls
www.littelfuse.com/scr9L
Rev: 1-A-062316
Wiring Diagram
SCR9L
Universal Lamp Alarm Relay
Description
The SCR9L is a universal lamp alarm relay designed to sense the
failure of flashing or steady LED beacon lamps or obstruction
lamps. The SCR9L energizes when one or more lamps fail. It
will monitor the operation of one to eight beacon or obstruction
lamps. All monitored lamps must be the same wattage and
voltage. When connected to a site monitoring system, it
provides the remote lamp monitoring protection required by the
FAA-AC No: 150/5345-43E.
Operation
When a lamp fails, the SCR9L senses a decrease in current flow.
After a 10s trip delay, the onboard LED glows and the two alarm
outputs energize. The outputs and the LED are reset when the
failed lamps are replaced and the unit is recalibrated. The SCR9L
will sense an open flasher, it will not sense a continuously ON
flasher (see FB Series). Removing input voltage de-energizes the
output and the LED‘s. It does not change the calibration.
Features & Benefits
FEATURES
BENEFITS
Self calibrating
Designed for use with all types of LED beacon and
obstruction lamps
Failsafe beacon
monitoring
Relay will also provide an alarm signal on a failed
flasher (open)
Number of lamps
monitored is switch
selectable up to 8
User selection allows quick set up and easy
adaption to multiple applications
Universal voltage
120 to 230VAC
Designed for use in most applications
Isolated, 10A, SPDT
alarm output contacts
Provides remote beacon monitoring when
connected to a site monitoring system, as is
required by the FAA
LED indication
Provides visual relay status of operation, alarm, trip
delay, and calibration
Fully encapsulated
Protects against shock, vibration, and humidity
Accessories
C103PM (AL) DIN Rail
35 mm aluminum DIN rail available in a 36 in.
(91.4 cm) length.
P1023-20 DIN Rail Adapter
Allows module to be mounted on a 35 mm DIN
type rail with two #10 screws.
L1 N/L2
L1 N/L2
BEACON LAMP CONNECTION DIAGRAM
OBSTRUCTION LAMP
CONNECTION DIAGRAM
V = Voltage
B = Beacon Lamps
SS = Selector Switch
L = LED Indicator
F = Flasher
AXL = Auxiliary
Load/Alarm
OL = Obstruction Lamps
SI = Sensor Input
H = “3“ Spare AC Hot
Connection (2A max.)


Similar Part No. - SCR9L

ManufacturerPart #DatasheetDescription
logo
Mobile Mark, Inc.
SCR9-2400 MOBILEMARK-SCR9-2400 Datasheet
273Kb / 1P
Directional, Corner Reflector WiFi 2.4 & 5 GHz
9/2018
SCR9-2400-BLK MOBILEMARK-SCR9-2400-BLK Datasheet
273Kb / 1P
Directional, Corner Reflector WiFi 2.4 & 5 GHz
9/2018
SCR9-2400-WHT MOBILEMARK-SCR9-2400-WHT Datasheet
273Kb / 1P
Directional, Corner Reflector WiFi 2.4 & 5 GHz
9/2018
More results

Similar Description - SCR9L

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9901 SUTEX-HV9901 Datasheet
75Kb / 6P
Universal Relay Driver
HV9901DB1 SUTEX-HV9901DB1 Datasheet
219Kb / 2P
Universal Relay Driver
logo
List of Unclassifed Man...
TDE1797 ETC-TDE1797 Datasheet
276Kb / 1P
LAMP AND RELAY DRIVERS
logo
Gamewell-FCI by Honeywe...
GW-UDACT GAMEWELL-FCI-GW-UDACT Datasheet
81Kb / 3P
Universal Digital Alarm Communication Transmitter
logo
Supertex, Inc
HV9901NG-G SUTEX-HV9901NG-G Datasheet
580Kb / 7P
Universal Relay Driver
logo
Microchip Technology
HV9901 MICROCHIP-HV9901 Datasheet
498Kb / 16P
Universal Relay Driver
06/23/16
logo
OEN India Limited
OEN92 OENINDIA-OEN92 Datasheet
321Kb / 2P
DUAL HEAD LAMP RELAY
logo
Littelfuse
SCR LITTELFUSE-SCR Datasheet
515Kb / 2P
Universal Lamp Alarm Relay
2016 Rev: 1-A-062316
SCR490D LITTELFUSE-SCR490D Datasheet
238Kb / 1P
Obstruction Lamp Alarm Relay
2016 Rev: 1-A-062316
FB120A LITTELFUSE-FB120A Datasheet
220Kb / 2P
Flasher & Incandescent Beacon Alarm Relay
Rev: 1-A-062316
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com