Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APW1172 Datasheet(PDF) 14 Page - Anpec Electronics Coropration

Part # APW1172
Description  2.5A SWITCH STEP DOWN SWITCHING REGULATOR
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW1172 Datasheet(HTML) 14 Page - Anpec Electronics Coropration

Back Button APW1172 Datasheet HTML 10Page - Anpec Electronics Coropration APW1172 Datasheet HTML 11Page - Anpec Electronics Coropration APW1172 Datasheet HTML 12Page - Anpec Electronics Coropration APW1172 Datasheet HTML 13Page - Anpec Electronics Coropration APW1172 Datasheet HTML 14Page - Anpec Electronics Coropration APW1172 Datasheet HTML 15Page - Anpec Electronics Coropration APW1172 Datasheet HTML 16Page - Anpec Electronics Coropration APW1172 Datasheet HTML 17Page - Anpec Electronics Coropration APW1172 Datasheet HTML 18Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - Aug., 2005
APW1172
www.anpec.com.tw
14
30
32
34
36
38
40
42
44
46
48
0
2
4
6
8
10
12
Application Description (Cont.)
)
)(
(
)
(
F
R
S
L
IN
L
CE
T
T
F
I
V
D
I
V
P
+
×
×
+
×
×
=
(7)
)
)(
(
)
(
F
R
S
L
IN
L
CE
T
T
F
I
V
D
I
V
P
+
×
×
+
×
×
=
(7)
generate a zero to provide a positive phase for control
loop.This zero improved the stability without extra PID
compensator, if the zero is lower enough.
Switch diode
APW1172 is an non-synchronous type buck regulator
and needs a Shottky diode as the wheeling diode.
This diode will conduct when the pass element turned
off.Current flows through the diode in the conducted
period, the order of the maximum peak current
reaches few Amperes. The diode requires the ability
to flow the great forward current. The peak forward
current of the diode denote in the specification must
great than 15A, and the conducting time in this
situation must great than 8ms. 1N5818 is a suitable
component.
Thermal Consideration
APW1172 is a switching regulator whose pass element
inside, it have the ability to provide 3 Amperes.As the
show in the block diagram, the structure of the pass
element consist of a NPN and a PNP transistors. The
voltage across the pass element, VCE, is about 0.8V
to 1.3V in the light load to heavy load. The product of
VCE and IL, where IL is current flowing through the
inductor, generate thermal cause the junction
temperature increased. The thermal stream conduct
via the thermal pad of SOP-8-P to the printed circuit
board.The power dissipation of APW1172 can be
approximated by (7)
Where VCE is the voltage across the pass element, IL
is the current flowing through the inductor, D is the
duty. TR and TF are the transition time.
The wheeling diode is another thermal source. It’s
power dissipation approximated by (8)
Output Capacitor (Cont.)
Where VD is the forward voltage of the wheeling diode,
ID is current flowing through the wheeling diode when
it conducting. In the PCB layout,usually place the
wheeling diode near the APW1172, the power
dissipation of wheeling diode will increase the ambient
temperature and limit the maximum power dissipation
of APW1172.These power dissipations are the major
energy loss in the voltage conversion.
To improve the thermal resistance by increasing
copper area is a suitable method. Design a copper
area according to the following curve to improve the
thermal resistance.
Frequency Compensation
In the Buck converter,there is a LPF (Low Pass Filter)
in the output stage to filtering the switching noise.
The LPF consist of an inductor and a capacitor. These
two components generate the double poles in the
frequency domain.
Where L is the inductance of the LPF and C is the
capacitance of the output capacitor. These double poles
LC
f
natural
π
2
1
=
(9)
LC
f
natural
π
2
1
=
(9)
Top Copper Area (cm^2)
)
1
(
D
I
V
P
D
D
D
−
×
×
=
(8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com