Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430 Datasheet(PDF) 78 Page - Texas Instruments

Part # MSP430
Description  AFEx8101 16-Bit and 14-Bit, Low-Power DACs With Voltage Reference and Diagnostic ADC for 4-mA to 20-mA Loop-Powered Applications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430 Datasheet(HTML) 78 Page - Texas Instruments

Back Button MSP430 Datasheet HTML 74Page - Texas Instruments MSP430 Datasheet HTML 75Page - Texas Instruments MSP430 Datasheet HTML 76Page - Texas Instruments MSP430 Datasheet HTML 77Page - Texas Instruments MSP430 Datasheet HTML 78Page - Texas Instruments MSP430 Datasheet HTML 79Page - Texas Instruments MSP430 Datasheet HTML 80Page - Texas Instruments MSP430 Datasheet HTML 81Page - Texas Instruments MSP430 Datasheet HTML 82Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 88 page
background image
8.2.1.2.4 System Current Budget
Power consumption is an important consideration when designing two-wire transmitters. Power supplied from
the loop must power all the circuitry related to the transmitter and sensor. The minimum loop current in two-wire
applications is typically 4 mA. However, for error indications, this current is as low as 3.375 mA. Therefore, the
power budget of all transducer circuitry must be less than the maximum allowable system power budget of 3 mA.
Table 8-2 lists the specified maximum quiescent current of all included active components (provided from the
respective data sheets).
Table 8-2. Typical Component Currents
DEVICE
DESCRIPTION
TYPICAL CURRENT (µA)
TPS7A0230
LDO
0.025
AFE88101
16-bit DAC
170
OPA333 (2)
Operational amplifier
17
TLVH431B
Shunt regulator
60
MSP430
Microcontroller
Dependent on firmware
ISO7021D (2), ISO7041F
Digital isolation
Dependent on communications
8.2.1.3 Application Curves
Figure 8-7. Circuit Start-Up
8.3 Initialization Set Up
This section describes several recommendations to set up the AFEx8101.
The AFEx8101 power up with the CRC enabled. If the device is intended to be run without the CRC, the CRC
must be disabled by setting the CRC_EN bit to 0h in the CONFIG register. Be aware that the command to write
to this register is first done with the CRC enabled. The CRC byte must be appended to the command for the
device to interpret the command correctly. To disable the CRC after start up, write 0x02 0x00 0x26 0x24 to the
device. The first three bytes write the command, while the last byte is the CRC byte. For more information on the
CRC, see the communication description in Section 7.5.2.3.
The AFEx8101 also power up with the SDO pin disabled. The SDO is required for reading from any of the device
registers, as well as reading any data from the ADC in SPI mode. The SDO is enabled by writing 0h into the
DSDO bit in the CONFIG register. See also Section 7.5.2.1 and Section 7.5.2.2.
To enable the ADC, first enable the ADC buffer by writing 0h into the BUF_PD bit in the ADC_CFG register.
Information about using the ADC in different modes of operation is in Section 7.3.2.
AFE78101, AFE88101
SLASF21 – DECEMBER 2022
www.ti.com
78
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AFE78101 AFE88101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com