Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA186DBVR Datasheet(PDF) 13 Page - Texas Instruments

Part # OPA186DBVR
Description  OPAx186 Precision, Rail-to-Rail Input and Output, 24-V, Zero-Drift Operational Amplifiers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA186DBVR Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA186DBVR Datasheet HTML 9Page - Texas Instruments OPA186DBVR Datasheet HTML 10Page - Texas Instruments OPA186DBVR Datasheet HTML 11Page - Texas Instruments OPA186DBVR Datasheet HTML 12Page - Texas Instruments OPA186DBVR Datasheet HTML 13Page - Texas Instruments OPA186DBVR Datasheet HTML 14Page - Texas Instruments OPA186DBVR Datasheet HTML 15Page - Texas Instruments OPA186DBVR Datasheet HTML 16Page - Texas Instruments OPA186DBVR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 48 page
background image
6.8 Typical Characteristics (continued)
at TA = 25°C, VS = ±12 V, VCM = VS / 2, RL = 10 kΩ (unless otherwise noted)
Output Amplitude (VRMS)
0.001
0.01
0.1
1
10m
100m
1
10
-100
-80
-60
-40
G = 1, RL = 10 k:
G = 1, RL = 2 k:
G = 1, RL = 10 k:
G = 1, RL = 2 k:
Figure 6-19. THD+N vs Output Amplitude
Supply Voltage (V)
0
2
4
6
8
10
12
14
16
18
20
22
24
0
10
20
30
40
50
60
70
80
90
100
VS Min = 4.5 V
Figure 6-20. Quiescent Current vs Supply Voltage
Temperature (qC)
-40
-25
-10
5
20
35
50
65
80
95
110 125
60
70
80
90
100
110
VS = 4.5 V
VS = 24 V
Figure 6-21. Quiescent Current vs Temperature
Temperature (qC)
-40
-25
-10
5
20
35
50
65
80
95
110 125
120
140
160
180
Figure 6-22. Open-Loop Gain vs Temperature
Temperature (qC)
-40
-25
-10
5
20
35
50
65
80
95
110 125
120
140
160
180
RL = 2 kΩ
Figure 6-23. Open-Loop Gain vs Temperature
Frequency (Hz)
0.01
0.1
1
10
100
1000
10
100
1k
10k
100k
1M
Figure 6-24. Open-Loop Output Impedance vs Frequency
www.ti.com
OPA186, OPA2186, OPA4186
SBOS968B – JUNE 2022 – REVISED DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: OPA186 OPA2186 OPA4186



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com