Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APW7066 Datasheet(PDF) 3 Page - Anpec Electronics Coropration

Part # APW7066
Description  Dual Synchronous Buck PWM Controllers and One Linear Controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7066 Datasheet(HTML) 3 Page - Anpec Electronics Coropration

  APW7066 Datasheet HTML 1Page - Anpec Electronics Coropration APW7066 Datasheet HTML 2Page - Anpec Electronics Coropration APW7066 Datasheet HTML 3Page - Anpec Electronics Coropration APW7066 Datasheet HTML 4Page - Anpec Electronics Coropration APW7066 Datasheet HTML 5Page - Anpec Electronics Coropration APW7066 Datasheet HTML 6Page - Anpec Electronics Coropration APW7066 Datasheet HTML 7Page - Anpec Electronics Coropration APW7066 Datasheet HTML 8Page - Anpec Electronics Coropration APW7066 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - Jun., 2005
APW7066
www.anpec.com.tw
3
Power On Reset and
Control
Gate
Control
Logic 1
1-2 Clock
Cycle Filter
Gate
Control
Logic 2
3.3V
Bias
Current
0.6V
3.3V
3.3V
0.6V
0.6V
VCC
VREF
VCC12
SS1/EN1
SS2/EN2
SS3/EN3
PGOOD
COMP1
COMP2
FB1
REFIN
FB2
GND
PGND
DRIVE3
FB3
REFOUT
FS/SYNC
LGATE2
UGATE2
BOOT2
LGATE1
UGATE1
BOOT1
5.8V
30uA
30uA
30uA
Oscillator
3.3V
VCC12
Monitor COMP Pins
for Short Protection
If short, Filter shut
down all outputs
Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com