Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI2DPX2063 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # PI2DPX2063
Description  1.8V 20Gbps DP2.0 Linear ReDriver with AUX Listener & I2C Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI2DPX2063 Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button PI2DPX2063 Datasheet HTML 3Page - Diodes Incorporated PI2DPX2063 Datasheet HTML 4Page - Diodes Incorporated PI2DPX2063 Datasheet HTML 5Page - Diodes Incorporated PI2DPX2063 Datasheet HTML 6Page - Diodes Incorporated PI2DPX2063 Datasheet HTML 7Page - Diodes Incorporated PI2DPX2063 Datasheet HTML 8Page - Diodes Incorporated PI2DPX2063 Datasheet HTML 9Page - Diodes Incorporated PI2DPX2063 Datasheet HTML 10Page - Diodes Incorporated PI2DPX2063 Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
A Product Line of
Diodes Incorporated
PI2DPX2063
7
July 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
PI2DPX2063
Document Number DS43839 Rev 2-2
www.diodes.com
Table 1. Configuration Table
OP_MODE<3:0>
IN0
IN1
IN2
IN3
AUXP
AUXN
Mode
0000-0001
Reserved
0010
OUT0
(DP0)
OUT1
(DP1)
OUT2
(DP2)
OUT3
(DP3)
4-lane DP + AUX
0011
OUT0
(DP3)
OUT1
(DP2)
OUT2
(DP1)
OUT3
(DP0)
4-lane DP + AUX (flipped)
<0100> ~ <1111>
Reserved
Notes: 1) <0010> default at power on.
I/O Termination Resistance under Different Conditions
Symbol
Parameter
Resistance
Units
RX Terminal
Rin-pd
Input res at EN=0
78k to GND
Ω
Rin-Active
Input res at active mode condition
50 to VbiasRx1
Ω
Rin-DP-standby
Input res in DP standby mode
78k to GND
Ω
Rin-DP-active
Input res in DP active mode
50 to VbiasRx1
Ω
Rin-DP-D3
Input res in DP D3 mode
78k to GND
Ω
TX Terminal
Rout-pd
Output res at EN=0
78k to GND
Ω
Rout-Active
Output res at active mode condition
50 to VDD
Ω
Rout-DP-standby
Output res in DP standby mode
78k to GND
Ω
Rout-DP-active
Output res in DP active mode
50 to VDD
Ω
Rout-DP-D3
Output res in DP D3 mode
78k to GND
Ω
DisplayPort Mode
By default, all channels will go to active mode if HPD bit = 1. The ON/OFF of each DP channel is controlled by the Aux lane count.
Operation Mode
ML_TX_x_n
ML_TX_x_p
Source
Connector
Sink
Connector
Sink
Connector
Tx
Rx
50
50
Vbias_Tx
50
50
Vbias_Rx
Upstream device
Downstream device
ML_TX_x_n
ML_TX_x_p
ML_RX_x_n
ML_RX_x_p
ML_RX_x_n
ML_RX_x_p
Source
Connector
Tx
Rx
50
50
Vbias_Tx
50
50
Vbias_Rx
100k-1M
100k-1M
Figure 1. DisplayPort Main Link Connection Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com