Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI3WVR2646 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # PI3WVR2646
Description  2:1 MIPI 4-Data Lane Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI3WVR2646 Datasheet(HTML) 5 Page - Diodes Incorporated

  PI3WVR2646 Datasheet HTML 1Page - Diodes Incorporated PI3WVR2646 Datasheet HTML 2Page - Diodes Incorporated PI3WVR2646 Datasheet HTML 3Page - Diodes Incorporated PI3WVR2646 Datasheet HTML 4Page - Diodes Incorporated PI3WVR2646 Datasheet HTML 5Page - Diodes Incorporated PI3WVR2646 Datasheet HTML 6Page - Diodes Incorporated PI3WVR2646 Datasheet HTML 7Page - Diodes Incorporated PI3WVR2646 Datasheet HTML 8Page - Diodes Incorporated PI3WVR2646 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
A Product Line of
Diodes Incorporated
PI3WVR2646
5
September 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
PI3WVR2646
Document Number DS42576 Rev 4-2
www.diodes.com
Symbol
Description
Test Conditions
VCC (V)
TA = -40oC to +85oC
Units
Min. Typ. Max.
IOFF
Power-Off Leakage Current (All I/O
Ports)
VSW = 0.0 or 1.3V
0
-0.5
0.5
μA
IOZ
Off-State Leakage
VSW = 0.0 ≤ DATA ≤ 1.3V,
OE = High
3.6
-0.5
0.5
μA
RON_MIPI_HS
Switch On Resistance for HS MIPI
ION = -8mA, OE = 0V,
SEL = VCC or 0V, All I/O
Switches = 0.2V
1.5
6
Ω
2.5
3.3
RON_MIPI_LP
Switch On Resistance for LP MIPI
ION = -8mA, OE = 0V,
SEL = VCC or 0V, All I/O
Switches = 1.2V
1.5
6
Ω
2.5
3.3
∆RON_MIPI_HS On Resistance Matching Between
HS MIPI Channels(1)
ION = -8mA, OE = 0V,
SEL = VCC or 0V, All I/O
Switches = 0.2V
1.5
0.1
Ω
2.5
3.3
∆RON_MIPI_LP On Resistance Matching Between
LP MIPI Channels(1)
ION = -8mA, OE = 0V,
SEL = VCC or 0V, All I/O
Switches = 1.2V
1.5
0.1
Ω
2.5
3.3
RON_FLAT_
MIPI_HS
On Resistance Flatness for HS MIPI
ION = -8mA, OE = 0V,
SEL = VCC or 0V, All I/O
Switches = 0 to 0.5V
1.5
0.3
Ω
2.5
3.3
RON_FLAT_
MIPI_LP
On Resistance Flatness for LP MIPI
ION = -8mA, OE = 0V,
SEL = VCC or 0V, All I/O
Switches = 0 to 1.3V
1.5
0.3
Ω
2.5
3.3
ICC
Quiescent Supply Current
VSEL = 0 or VCC, IOUT = 0,
OE = 0V
3.6
15
32
μA
ICCZ
Quiescent Supply Current (High
Impedance)
VSEL = 0 or VCC, IOUT = 0,
OE = High
3.6
0.5
1.0
μA
ICCT
Increase in ICC Current Per Control
Voltage and VCC
VSEL = 0 or VCC, OE =
1.5V
3.6
1
μA
DC and Transient Characteristics Cont.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com