Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLR Datasheet(PDF) 2 Page - Littelfuse

Part # SLR
Description  Solid-State Relay - Non-Isolated
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SLR Datasheet(HTML) 2 Page - Littelfuse

  SLR Datasheet HTML 1Page - Littelfuse SLR Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2016 Littelfuse Protection Relays & Controls
Protection Relays
Single Function Relays and Controls
www.littelfuse.com/
Rev: 1-A-062716
www.littelfuse.com/slr
SLR SERIES
Specifications
Output (Contact)
Type
Non-isolated solid state
Form
SPST, NO or NC
Voltage
24, 120, or 230VAC
Tolerance
±20%
Ratings
Steady State
Inrush*
Output Device
1A
10A
SCR & Bridge
Rectifier
6 A
60A
Triac
10A
100A
Triac
20A
200A
Triac
Minimum Load Current
≅ 50mA
Voltage Drop
(at Rated Current)
≅ 2.0V - 6, 10, & 20A units; ≅ 2.5V - 1A units
Leakage Current (Open State) ≤ 5mA
Initiate Switch Voltage
Same as the output voltage
Power Consumption
≤ 0.5W
Protection
Circuitry
Encapsulated
Dielectric Breakdown
≥ 2000V RMS terminals to mounting surface
Insulation Resistance
≥ 100MΩ
Mechanical
Mounting*
Surface mount with one #10 (M5 x 0.8) screw
Dimensions
H 50.8 mm (2.0”); W 50.8 mm (2.0”);
D 38.4 mm (1.51”)
Termination
0.25 in. (6.35 mm) male quick connect
terminals
Environmental
Operating/Storage
Temperature
-20° to 60°C / -40° to 85°C
Humidity
95% relative, non-condensing
Weight
1A units: ≅ 2.4 oz (68 g);
6, 10, 20A units: ≅ 3.9 oz (111 g)
*Must be bolted to a metal surface using the included heat sink compound. The maximum
mounting surface temperature is 90°C. Inrush: Non-repetitive for 16ms.
Function Diagram
V = Voltage
S1 = Initiate Switch
NO = Normally
Open Contact
NC = Normally
Closed Contact
R = Reset
= Undefined
Time



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com