Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2219/23C Datasheet(PDF) 1 Page - Alpha Wire

Part # 2219/23C
Description  Customer Specification
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

2219/23C Datasheet(HTML) 1 Page - Alpha Wire

  2219/23C Datasheet HTML 1Page - Alpha Wire 2219/23C Datasheet HTML 2Page - Alpha Wire 2219/23C Datasheet HTML 3Page - Alpha Wire 2219/23C Datasheet HTML 4Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Customer Specification
PART NO. 2219/23C
Construction
Alpha Wire | 711 Lidgerwood Avenue, Elizabeth, NJ 07207
Tel: 1-800-52 ALPHA (25742), Web: www.alphawire.com
Diameters (In)
1) Component 1
23 X 1 PAIR
a) Conductor
22 (7/30) AWG Tinned Copper
0.030
b) Insulation
0.010" Wall, Nom. PVC, Semi Rigid
0.050
(1) Color Code
Alpha Wire Color Code A
Pair
Color
Pair
Color
Pair
Color
1
BLACK-RED
9
RED-WHITE
17
GREEN-
ORANGE
2
BLACK-WHITE
10
RED-BLUE
18
GREEN-
YELLOW
3
BLACK-GREEN
11
RED-YELLOW
19
WHITE-BLUE
4
BLACK-BLUE
12
RED-BROWN
20
WHITE-BROWN
5
BLACK-BROWN
13
RED-ORANGE
21
WHITE-ORANGE
6
BLACK-YELLOW 14
GREEN-BLUE
22
WHITE-YELLOW
7
BLACK-
ORANGE
15
GREEN-WHITE
23
BLUE-BROWN
8
RED-GREEN
16
GREEN-BROWN
c) Pair
2/Cond Cabled Together
(1) Twists:
8.0 Twists/foot (min)
2) Cable Assembly
23 Components Cabled
a) Twists:
1.8 Twists/foot (min)
b) Orientation:
Components to be arranged from
INSIDE LAYER to OUTSIDE LAYER
3) Shield:
Alum/Mylar Tape, 20% Overlap, Min.
a) Foil Direction
Foil Facing Out
b) Drain Wire
22 (7/30) AWG Tinned Copper
4) Jacket
0.040" Wall, Nom.,PVC
0.545 (0.573 Max.)


Similar Part No. - 2219/23C

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
2219/27C ALPHAWIRE-2219/27C Datasheet
93Kb / 4P
Customer Specification
12/13/2022
More results

Similar Description - 2219/23C

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
5010_15C ALPHAWIRE-5010_15C Datasheet
72Kb / 3P
Customer Specification
251731 ALPHAWIRE-251731 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
453821 ALPHAWIRE-453821 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
101 ALPHAWIRE-101 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
103 ALPHAWIRE-103 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
1069 ALPHAWIRE-1069 Datasheet
99Kb / 4P
Customer Specification
8/25/2022
108 ALPHAWIRE-108 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
1138C ALPHAWIRE-1138C_V01 Datasheet
99Kb / 4P
Customer Specification
8/26/2022
121910C ALPHAWIRE-121910C Datasheet
99Kb / 4P
Customer Specification
8/26/2022
2549911 ALPHAWIRE-2549911 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com