Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ROM-5722 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # ROM-5722
Description  NXP i.MX8M Plus Cortex®-A53 SMARC 2.1 Computer-on-Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ROM-5722 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  ROM-5722 Datasheet HTML 1Page - Advantech Co., Ltd. ROM-5722 Datasheet HTML 2Page - Advantech Co., Ltd. ROM-5722 Datasheet HTML 3Page - Advantech Co., Ltd. ROM-5722 Datasheet HTML 4Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.advantech.com/products
Online Download
Block Diagram
ROM-5722
Ordering Information
Part No.
CPU
Memory
Flash
Memory
UART
LAN
USB3.2
Gen1By1
USB 2.0
Display
PCIe
SD
I2S
I2C
SPI
Operating
Temperature
ROM-5722WQ-REA1E
i.MX 8M Plus
Quad
6GB
16GB
4
2
2
5
1 x HDMI,
1 x MIPI DSI,
1 x Single ch
LVDS or 1 x
Dual ch LVDS
1
1
2
5
3
-40 ~ 85 °C
ROM-5722CQ-REA1E
i.MX 8M Plus
Quad
6GB
16GB
4
2
2
5
1
1
2
5
3
0 ~ 60 °C
ROM-5722WD-RFA1E
i.MX 8M Plus
Dual
4GB
16GB
4
2
2
5
1
1
2
5
3
-40 ~ 85 °C
ROM-5722CD-RFA1E
i.MX 8M Plus
Dual
4GB
16GB
4
2
2
5
1
1
2
5
3
0 ~ 60 °C
*QUAD-Lite SoC, DRAM and eMMC of other capacity are available through project-based support. Please contact sales for details.
Dimensions
Unit: mm
82.0
39.0
4.0
Ø2.7
Ø6.0
R2
74.0
Development Board
Part No.
Description
SOM-DB2510-R0A1
SMARC 2.1 Carrier Board
Optional Accessories
Part No.
Description
1701200220
Debug port cable
1700019474
D-SUB 9P(F)/D-SUB 9P(F) RS232/RS485 100c
1970005258N001
Heat Spreader
1970005259T001
Semi Heat Sink (0 ~ 60 °C)
1970005260T001
Semi Heat Sink (-40 ~ 85 °C)
96PSA-A36W12R1-3
ADAPTER 100-240V 36W 12V 3A
1700001524
Power Cord 3P UL 10A 125V 180cm
170203183C
Power Cord 3P Europe (WS-010+WS-083) 183cm
1700019146
Power Cord CCC 3P 10A 250V 183cm
170203180A
Power Cord 3P UK 2.5A/3A 250V 1.83M
1700008921
Power Cord 3P PSE 183cm
SQF-ISDM1-16G-21C
SQF SD Card I-SD UHS-I MLC 16G (0~70°C)
SQF-ISDM1-16G-21E
SQF I-SD UHS-I MLC 16G (-40~85°C)
EWM-W163M201E
802.11 a/b/g/n/ac,QCA6174A,2T2R,w/BT4.1,M.2 2230
1750008717-01
Dipole Ant. D.B 2.4/5G WIFI 3dBi SMA/M-R BLK
1750007965-01
Antenna Cable R/P SMA (M) to MHF4, 300mm
EWM-C117FL06E*
LTE 4G,3G WCDMA/DC-HSPA+, 2G module, MPCI-L280H
1750008303-01
Antenna AN0727-64SP6BSM
1750006009
Antenna Cable SMA (F) to MHF 1.32 25cm
*Please contact us for suggesting suitable cellular module for your region.
*Support CAN-FD in wide temp. SKU: ROM-5722W*
LPDDR4
eMMC
8MB NOR Flash
NXP PMIC
TPM2.0
USB2.0 OTG
USB3.2 Gen1By1 x 2
I2S x 1
SPI x 2
GPIO x 14
I2C x 5
MIPI CSI x 2
UART 4-wires x 2
UART 2-wires x 2
HDMI x 1
MIPI DSI x 1 / LVDS x 1
SDIO x 1
PCIe3.0 x 1
CAN* x 2
RGMII
GbE MDI
RTL8211FS
USB2.0
USB2.0 Hub
RGMII
GbE MDI
RTL8211FS
NXP ARM Cortex-A53
i.MX8M Plus



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com