Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ROM-5780 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # ROM-5780
Description  Rockchip RK3399 Cortex®-A72A53 SMARC 2.1 Computer-on-Module
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ROM-5780 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  ROM-5780 Datasheet HTML 1Page - Advantech Co., Ltd. ROM-5780 Datasheet HTML 2Page - Advantech Co., Ltd. ROM-5780 Datasheet HTML 3Page - Advantech Co., Ltd. ROM-5780 Datasheet HTML 4Page - Advantech Co., Ltd. ROM-5780 Datasheet HTML 5Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
RISC Computing Platforms
Features
Rockchip RK3399 Cortex®-A72+A53
SMARC 2.1 Computer-on-Module
ROM-5780
ƒ
Rockchip RK3399 Arm dual Cortex-A72 and quad Cortex-A53 1.8 GHz
ƒ
Onboard 2/4GB LPDDR4 memory and 16/32GB eMMC
ƒ
Support HDMI2.0 4K, 1 x eDP, 1 x LVDS
ƒ
Support 4K H.264/H.265 Video decoder
ƒ
2 x USB3.0, 3 x USB2.0,1 x USB2,0 OTG, 3 x UART, 12 x GPIO
ƒ
1 x PCIe2.0, 1 x SATA, 2 x MIPI CSI, Gigabit LAN
ƒ
Support Linux Debian and Android
Introduction
Advantech ROM-5780 SMARC 2.1 Computer-on-Module is powered by Rockchip RK3399 SOC which includes dual-core Arm Cortex-A72 and quad-core Arm Cortex-A53 processors
and Arm Mali-T860MP4 3D graphics engine. It provides rich display interface: HDMI 4K@60Hz, eDP and LVDS to meet different requirement. It also features USB3.0, PCIe 2.0, SATA,
Gigabit Ethernet, MIPI-CSI for embedded applications. It is the ideal solution for POS, vending, infotainment, Medical.
ROM-5780 is paired with the Advantech ROM-DB5901 SMARC2.0 development board for faster end product peripheral integration and time-to-market. The reference schematics and
layout checklist documentations for carrier board development will be provided along with the open-sourced Linux BSP, test utilities, hardware design utilities and reference drivers.
Specifications
Form Factor
SMARC 2.1
Processor System
CPU
Rockchip RK3399 Arm dual-core Cortex-A72 and quad-core Cortex-A53, up to 1.8 GHz
Memory
Technology
LPDDR4- 3732 MT/s
Capacity
Onboard 2/4GB LPDDR4
Flash
16/32 GB eMMC NAND Flash for O.S. and boot loader;
8 MB SPI NOR Flash
Graphics
LVDS
1 x Single Channel 24-bits LVDS(Default) or 1 x Dual Channel 24-bits LVDS(Shared with eDP, by BOM Option)
HDMI
1 x HDMI2.0, up to 4096 x 2160
eDP
1 x eDP 1.3
Graphics Engine
Arm Mali-T860MP4 GPU, support OpenGL ES1.1/2.0/3.0, OpenCL1.2, DirectX11.1 etc.
H/W Video Codec
Decoder:H.265 up to 4Kx2K @ 60fps, H.264, H.263, VC-1, VP9, VP8, MVC ,MPEG-1/2/4
Encoder:H.264 UP to HP@level4.1, MVC and VP8
Ethernet
Chipset
1 x RTL8211FSI
Speed
1 x 10/100/1000 Mbps
RTC
RTC
Yes
WatchDog Timer
1~6553s, default 60s, power on/off 1s
Security
TPM2.0 (Optional)
I/O
PCIe
1 x PCIe 2.0 x 1
SATA
1
USB
2 USB3.0, 3 USB2.0,1 USB2.0 OTG
Audio
2 x I2S
SPDIF
-
SDIO
1
Serial Port
1 x 2-wire UART/Debug by switch selection
1 x 2-wire UART
1 x 4-wire UART
SPI
1
CAN
-
GPIO
12
I2C
5
Camera Input
1 x 4-lane MIPI CSI, 1 x 2-lane MIPI CSI
System Bus
-
Touch
-
Keypad
-
Power
Power Supply Voltage
4.75~5.25V DC source
Power Consumption
8.52W @ 5V (Max)
4.13W @ 5V (Idle)
Environment
Operating Temperature
0 ~ 60 °C/ -20 ~ 85 °C
Operating Humidity
5 ~ 95% relative humidity, non-condensing
Mechanical
Dimensions (W x D)
82 x 50 mm
Operation System
Linux Debian 9/10 and Android 7.1/10.0
Certifications
CE/FCC Class B
RoHS
COMPLIANT
2002/95/EC
All product specifications are subject to change without notice.
Last updated: 7-Jul-2021


Similar Part No. - ROM-5780

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ROM-5720 ADVANTECH-ROM-5720 Datasheet
3Mb / 4P
NXP i.MX8M Cortex®-A53 SMARC 2.0/2.1 Computer-on-Module
7-Jul-2022
ROM-5720CD-PEA2E ADVANTECH-ROM-5720CD-PEA2E Datasheet
3Mb / 4P
NXP i.MX8M Cortex®-A53 SMARC 2.0/2.1 Computer-on-Module
7-Jul-2022
ROM-5720CQ-PEA2E ADVANTECH-ROM-5720CQ-PEA2E Datasheet
3Mb / 4P
NXP i.MX8M Cortex®-A53 SMARC 2.0/2.1 Computer-on-Module
7-Jul-2022
ROM-5720WD-OEA2E ADVANTECH-ROM-5720WD-OEA2E Datasheet
3Mb / 4P
NXP i.MX8M Cortex®-A53 SMARC 2.0/2.1 Computer-on-Module
7-Jul-2022
ROM-5720WQ-OEA2E ADVANTECH-ROM-5720WQ-OEA2E Datasheet
3Mb / 4P
NXP i.MX8M Cortex®-A53 SMARC 2.0/2.1 Computer-on-Module
7-Jul-2022
More results

Similar Description - ROM-5780

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
EPC-R3710 ADVANTECH-EPC-R3710 Datasheet
561Kb / 2P
Rockchip RK3399 Cortex-A72 UIO40-Express Edge AI Box Computer
22-Apr-2022
EPC-R4710 ADVANTECH-EPC-R4710 Datasheet
674Kb / 2P
Rockchip RK3399 Cortex-A72 ARM Based Box Computer
25-Apr-2022
ROM-5620 ADVANTECH-ROM-5620 Datasheet
3Mb / 4P
NXP i.MX8X Cortex®-A35 SMARC 2.0/2.1 Computer-on-Module
16-Jun-2022
ROM-5720 ADVANTECH-ROM-5720 Datasheet
3Mb / 4P
NXP i.MX8M Cortex®-A53 SMARC 2.0/2.1 Computer-on-Module
7-Jul-2022
ROM-5721 ADVANTECH-ROM-5721 Datasheet
2Mb / 4P
NXP i.MX8M Mini Cortex®-A53 SMARC 2.0/2.1 Computer-on-Module
7-Jul-2022
ROM-5722 ADVANTECH-ROM-5722 Datasheet
3Mb / 4P
NXP i.MX8M Plus Cortex®-A53 SMARC 2.1 Computer-on-Module
16-Aug-2022
ROM-7720 ADVANTECH-ROM-7720 Datasheet
3Mb / 4P
NXP ARM Cortex-A72 i.MX8 QuadMax Qseven 2.1 Module
7-Jul-2021
ROM-DK5720 ADVANTECH-ROM-DK5720 Datasheet
278Kb / 2P
Development Kit for SMARC 2.0/2.1 Computer-on-Module ROM-5720
17-Jul-2020
RSB-3710 ADVANTECH-RSB-3710 Datasheet
710Kb / 2P
Rockchip RK3399 Cortex-A72 2.5 SBC with UIO40-Express
22-Apr-2022
RSB-4710 ADVANTECH-RSB-4710 Datasheet
691Kb / 2P
Rockchip ARM Cortex-A72 RK3399 3.5 SBC
16-Aug-2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com