Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ROM-7420 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # ROM-7420
Description  NXP ARM® Cortex®-A9 i.MX6 Qseven Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ROM-7420 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  ROM-7420 Datasheet HTML 1Page - Advantech Co., Ltd. ROM-7420 Datasheet HTML 2Page - Advantech Co., Ltd. ROM-7420 Datasheet HTML 3Page - Advantech Co., Ltd. ROM-7420 Datasheet HTML 4Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
RISC Computing Platforms
Features
RoHS
COMPLIANT
2002/95/EC
NXP ARM® Cortex®-A9 i.MX6 Qseven
Module
ROM-7420
ƒ
NXP ARM® Cortex®-A9 i.MX6 Dual 1 GHz high performance processor
ƒ
Onboard DDR3 memory 1 GB and eMMC Flash 16 GB
ƒ
HDMI, VGA, LVDS, up to 4 displays
ƒ
Compact in size 70 x 70mm
ƒ
Rich I/O with 2 CAN, 4 UART, Giga LAN, PCIe and SATA
ƒ
Low power consumption, fanless design
ƒ
Supports Linux and Android BSP
Introduction
ROM-7420 Qseven Module integrates an ARM Cortex-A9 NXP i.MX6 series ultra low power SoC and I/O solution chips with Linux. NXP i.MX6 supports 2D, 3D graphics
acceleration, full HD 1080P video decoding and an HD 1080p video encoding hardware engine.
ROM-7420 offers an Advantech ROM-DB7500 Evaluation Carrier Board for easy integration and design reference; we also offer schematics and layout checklists for carrier board
development. Additionally, Linux BSP, test utilities, HW design utilities, and reference codes are ready for application development and device integration.
Specifications
Form Factor
Qseven 1.2
Processor System
CPU
NXP ARM Cortex-A9 i.MX6 1 GHz
Memory
Technology
DDR3 1066 MHz
Capacity
On-board DDR3 1 GB
Flash
16 GB eMMC NAND Flash for O.S. and 4 MB SPI NOR Flash for Advantech boot loader
Graphics
LVDS
2 24-bit LVDS, 1366 x 768 for 1ch; 1920 x 1080 for 2ch
HDMI
1920 x 1080 at 60Hz
Parallel RGB
-
VGA
1920 x 1080 at 60Hz
Graphics Engine
2 IPUs. OpenGL ES 2.0 for 3D, BitBlt for 2D and OpenVG 1.1
H/W Video Codec
Decoder: MPEG-4 ASP, H.264 HP, H.263, MPEG-2 MP, MJPEG BP
Encoder: MPEG-4 SP, H.264 BP, H.263, MJPEG BP
Ethernet
Chipset
NXP i.MX6 integrated RGMII
Speed
1 x 10/100/1000 Mbps
RTC
RTC
Yes
WatchDog Timer
256-level timer interval, from 0 ~ 128 sec
I/O
PCIe
1 PCIe x 1
SATA
1 SATA II
USB
1 USB 2.0, 1 USB 2.0 OTG
Audio
I2S
SPDIF
-
SDIO
1
Serial Port
4 UART (4 x 2 wire, w/ 3.3V)
SPI
1
CAN
2 x CAN bus 2.0B
GPIO
8
I2C
3
Camera Input
-
System Bus
-
Touch
-
Keypad
-
Power
Power Supply Voltage
+5 V
Power Consumption
3.16W (Max)
Environment
Operating Temperature
0 ~ 60 °C
Operating Humidity
0% ~ 90% relative humidity, non-condensing
Mechanical
Dimensions (W x D)
70 x 70 mm
Operation System
Linux & Android
Certifications
CE/FCC Class B
All product specifications are subject to change without notice.
Last updated: 21-Jun-2022


Similar Part No. - ROM-7420

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ROM-7420CD-MDA1E ADVANTECH-ROM-7420CD-MDA1E Datasheet
927Kb / 2P
Freescale ARM Cortex-A9 i.MX6 Qseven Module
ROM-7420CD-MDA1E ADVANTECH-ROM-7420CD-MDA1E Datasheet
642Kb / 2P
Freescale ARM Cortex-A9 i.MX6 QSeven Module
ROM-7420CD-MDA1E ADVANTECH-ROM-7420CD-MDA1E Datasheet
430Kb / 2P
Development Kit for Qseven v1.2 Module ROM-7420
6-Jun-2019
ROM-7420CS-MCA1E ADVANTECH-ROM-7420CS-MCA1E Datasheet
642Kb / 2P
Freescale ARM Cortex-A9 i.MX6 QSeven Module
ROM-7420 ADVANTECH-ROM-7420_15 Datasheet
927Kb / 2P
Freescale ARM Cortex-A9 i.MX6 Qseven Module
More results

Similar Description - ROM-7420

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ROM-7420 ADVANTECH-ROM-7420_15 Datasheet
927Kb / 2P
Freescale ARM Cortex-A9 i.MX6 Qseven Module
DMS-BA16 ADVANTECH-DMS-BA16_15 Datasheet
538Kb / 2P
Freescale ARM Cortex-A9 i.MX6 Qseven V2.0 Module
ROM-7420CD-MDA1E ADVANTECH-ROM-7420CD-MDA1E Datasheet
642Kb / 2P
Freescale ARM Cortex-A9 i.MX6 QSeven Module
UBC-220 ADVANTECH-UBC-220_16 Datasheet
584Kb / 2P
NXP ARM Cortex-A9 i.MX6 2.5' IoT Gateway
RSB-4411 ADVANTECH-RSB-4411 Datasheet
726Kb / 2P
NXP ARM Cortex-A9 i.MX6 3.5" SBC
ROM-3420 ADVANTECH-ROM-3420 Datasheet
3Mb / 4P
NXP ARM® Cortex®-A9 i.MX6 RTX v2.0 module
16-Jun-2022
ROM-5420 ADVANTECH-ROM-5420 Datasheet
3Mb / 4P
NXP ARM® Cortex®-A9 i.MX6 SMARC v1.1 Module
21-Jun-2022
ROM-7421 ADVANTECH-ROM-7421 Datasheet
3Mb / 4P
NXP ARM Cortex-A9 i.MX6 Qseven 2.0 Module
21-Jun-2022
RSB-3430 ADVANTECH-RSB-3430 Datasheet
692Kb / 2P
NXP Arm® Cortex®-A9 i.MX6 2.5" SBC
29-Mar-2022
RSB-6410 ADVANTECH-RSB-6410 Datasheet
3Mb / 4P
NXP ARM® Cortex®-A9 i.MX6 Dual/Quad Mini-ITX Motherboard
7-Jul-2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com