Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2867432 Datasheet(PDF) 13 Page - PHOENIX CONTACT

Part # 2867432
Description  Wireless module - RAD-ISM-900-SET-DC-UD-AU
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2867432 Datasheet(HTML) 13 Page - PHOENIX CONTACT

Back Button 2867432 Datasheet HTML 9Page - PHOENIX CONTACT 2867432 Datasheet HTML 10Page - PHOENIX CONTACT 2867432 Datasheet HTML 11Page - PHOENIX CONTACT 2867432 Datasheet HTML 12Page - PHOENIX CONTACT 2867432 Datasheet HTML 13Page - PHOENIX CONTACT 2867432 Datasheet HTML 14Page - PHOENIX CONTACT 2867432 Datasheet HTML 15Page - PHOENIX CONTACT 2867432 Datasheet HTML 16Page - PHOENIX CONTACT 2867432 Datasheet HTML 17Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Antenna cable
Antenna cable - RAD-CAB-PFP400-60 - 2867380
https://www.phoenixcontact.com/us/products/2867380
Antenna cable, outside diameter: 10 mm (0.4 in.), inner conductor: solid,
attenuation: 2.5 / 4.2 / 6.3 dB at 0.9 / 2.4 / 5.8 GHz, connection: 2x N (male),
cable length: 18 m (60 ft.)
Antenna cable
Antenna cable - RAD-CAB-PFP400-80 - 2867393
https://www.phoenixcontact.com/us/products/2867393
Antenna cable, outside diameter: 10 mm (0.4 in.), inner conductor: solid,
attenuation: 3.3 / 5.6 / 8.4 dB at 0.9 / 2.4 / 5.8 GHz, connection: 2x N (male),
cable length: 24 m (80 ft.)
Wireless module - RAD-ISM-900-SET-DC-UD-AU
2867432
https://www.phoenixcontact.com/us/products/2867432
Dec 6, 2022, 6:18 AM
Page 13 (18)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com