Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MS Datasheet(PDF) 1 Page - C&K Components

Part # MS
Description  Small Size Snap-acting Switches
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

MS Datasheet(HTML) 1 Page - C&K Components

  MS Datasheet HTML 1Page - C&K Components MS Datasheet HTML 2Page - C&K Components MS Datasheet HTML 3Page - C&K Components MS Datasheet HTML 4Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
J
J–51
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ckswitches.com
MS Series
Small Size Snap-acting Switches
Features/Benefits
• Detect interlock and movement
• Different lever options
• Various operating forces
• Extended mechanical life
• UL approval on some designs
• Customization available
• RoHS compatible and compliant
Typical Applications
• Office equipment
• Consumer electronics
• Appliances
• Audio & visual equipment
• Medical
• Industrial meters
Specifications
CONTACT ARRANGEMENT: SPDT
CONTACT RATING: 5 A @ 125 VAC / 3 A @ 250 VAC
OPERATING LIFE: 1,000,000 cycles without load
6,000 cycles with load UL
INITIAL CONACT RESISTANCE: 100 m½ max.
INSULATION RESISTANCE: 100 M ½ min. @ 500 VDC
DIELECTRIC STRENGTH: 1000 VAC (50-60 Hz)
OPERATING TEMPERATURE: -40ºC to + 85ºC
OPERATING FORCE: 130 ± 30 gf
PRE-TRAVEL (PT): 0.6 mm max.
OVERTRAVEL: 0.5 mm max.
OPERATING POSITION (OP): 8.40 ± 0.40 mm
Materials
COVER: PBT (UL94V-0)
HOUSING: PBT (UL94V-0)
KNOB: PBT (UL94V-0)
TERMINALS: Silver plated
NOTE: Specifications and materials listed above are for switches with standard
options. For information on specific and custom switches, consult Customer
Service Center.
PART NUMBER
MS-105A01
15 Jul 20
Standard Size


Similar Description - MS

ManufacturerPart #DatasheetDescription
logo
C&K Components
ZMW CK-COMPONENTS-ZMW Datasheet
480Kb / 4P
Mini Size Snap-acting Switches
2020
ZMSM CK-COMPONENTS-ZMSM_V01 Datasheet
515Kb / 4P
Mini Size Snap-acting Switches
2021
ZMS CK-COMPONENTS-ZMS_V01 Datasheet
292Kb / 4P
Mini Size Snap-acting Switches
2021
ZM CK-COMPONENTS-ZM_V01 Datasheet
337Kb / 3P
Mini Size Snap-acting Switches
2021
ZMV CK-COMPONENTS-ZMV Datasheet
1Mb / 6P
Mini Size Snap-acting Switches
2021
MDSSNAP CK-COMPONENTS-MDSSNAP Datasheet
907Kb / 7P
Mini Size Snap-acting Switches
27 Sep 19
LC CK-COMPONENTS-LC Datasheet
417Kb / 4P
Small Size Precision Snap-acting Switches
LCA CK-COMPONENTS-LCA_V01 Datasheet
445Kb / 4P
Small Size Snap-acting Switches
12 Jul 21
LCS CK-COMPONENTS-LCS_V01 Datasheet
538Kb / 4P
Small Size Sealed Snap-acting Switches
31 May 21
TF CK-COMPONENTS-TF Datasheet
459Kb / 6P
Mid Size Snap-acting Switches
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com