Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDP Datasheet(PDF) 1 Page - C&K Components

Part # SDP
Description  Micro Mini Pendulum SMT Detect Switch
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

SDP Datasheet(HTML) 1 Page - C&K Components

  SDP Datasheet HTML 1Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
E
E–16
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ckswitches.com
SDP Series
Micro Mini Pendulum SMT Detect Switch
Features/Benefits
• SMT process compatible
• Low profile
• Right or left side actuated
• Low actuation force
• Low halogen / halogen free
Typical Applications
• Consumer electronics
• Computers
• Medical devices
• ATCA and MicroTCA devices
Specifications
CONTACT RATING: 5 VDC 1mA (0.1mA to 100mA max)
MECHANICAL AND ELECTRICAL LIFE: 50,000 cycles
CONTACT RESISTANCE: 500 m Ω max. initial.
INSULATION RESISTANCE: 100 M Ω (500VDC for 1 min.)
OPERATING TEMPERATURE: -20ºC to + 70ºC
STORAGE TEMPERATURE: -30ºC to + 80ºC
PACKAGING: Tape & reel 4,550 pieces
Materials
BASE: LCP (black)
COVER: PA 46 (black)
ACTUATOR: LCP (black)
MOVABLE BLADE: Stainless Steel, Ag over Ni plating.
TERMINALS: Phosphor Bronze, Ag over Ni plating.
SOLDERABILITY: Lead free compatible - No clean.
NOTE: Specifications and materials listed above are for switches with standard options.
For information on specific and custom switches, consult Customer Service Center.
Build-A-Switch
Complete part numbers for SDP Series are shown below.
3,05±0,1
1,85±0,1
0,8±0,1
1,2±0,1
2±0,1
5,1±0,1
3,7±0,1
2X
HOLES
0,8 0,05
2X 0,7
1,8
2,6
2,4
29,2°
68,3°
3
1,15
0,2
2X 0,8 0,05
1,5±0,1
1,42
0,4
0,2
2,2
0,3
3,6
1,36
MAX TRAVEL
2,67±0,2
ON STARTING
POSITION
2±0,05
5X
Terminal height
within 0,08 to
mounting surface
0 0,05
2±0,05
1,7
1,5
0,2
0,4±0,1
2X 0,7 0
-0,07
2X 0,15
CHAMFER
R0,2
0,89
1,6
2X 0,5
2,3
3X 0,5
2,85
4,7
1
2
3 COM
B
A
REFERENCE PCB MOUNTING
NO PCB TRACES SHALL BE PLACED IN SHADED AREAS
PIVOT
1
2
3
B
A
SDP002
16±0,3
7,5
380.0
18.0
21.0
50.0
21.0 0.8
13.0 0.5
2.0 0.5
13.0
1,75±0,1
8±0,1
(0,4)
(2,3)
2±0,1
4±0,1
1,5+0,1
0
COVER TAPE
REEL
NOT TO SCALE
A-A
SECTION


Similar Part No. - SDP

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
SDP-001 MEANWELL-SDP-001 Datasheet
568Kb / 1P
For MEAN WELL LED driver with Smart Timer Dimming function
logo
Adam Technologies, Inc.
SDP-09-SG-A1-TR ADAM-TECH-SDP-09-SG-A1-TR Datasheet
98Kb / 1P
SECURE DIGITAL SOCKET
SDP-09A-SD-X ADAM-TECH-SDP-09A-SD-X Datasheet
146Kb / 1P
SECURE DIGITAL SOCKET
SDP-09A-SG-X ADAM-TECH-SDP-09A-SG-X Datasheet
113Kb / 1P
SECURE DIGITAL SOCKET
SDP-09C-SG ADAM-TECH-SDP-09C-SG Datasheet
116Kb / 1P
SECURE DIGITAL SOCKET
More results

Similar Description - SDP

ManufacturerPart #DatasheetDescription
logo
ITT Industries
KSU ITT-KSU Datasheet
91Kb / 3P
Micro Mini Surface Mount Detect Switches
DDS001 ITT-DDS001 Datasheet
261Kb / 2P
Micro Mini Thru-hole Detect Switches
HDT0001 ITT-HDT0001 Datasheet
159Kb / 1P
Micro Mini Surface Mount Detect Switches
logo
C&K Components
HDT CK-COMPONENTS-HDT Datasheet
228Kb / 4P
Micro Mini Surface Mount Detect Switches
KSU CK-COMPONENTS-KSU Datasheet
172Kb / 2P
Micro Mini Surface Mount Detect Switches
SDT CK-COMPONENTS-SDT Datasheet
139Kb / 1P
Micro Mini Pendulum Surface Mount Detect Switches
GDS CK-COMPONENTS-GDS Datasheet
142Kb / 1P
Ultra Low Profile Micro Mini Side Actuated Detect Switch
GDS CK-COMPONENTS-GDS_V01 Datasheet
111Kb / 1P
Ultra Low Profile Micro Mini Side Actuated Detect Switch
HDT CK-COMPONENTS-HDT_V01 Datasheet
393Kb / 5P
Micro Mini Surface Mount Detect Switches
14 Mar 22 www.ckswitches.com
KSCD CK-COMPONENTS-KSCD Datasheet
271Kb / 2P
Sealed Detect Switch for SMT
8 Apr 22
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com