Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM-GG-F5-W2-R Datasheet(PDF) 1 Page - C&K Components

Part # MM-GG-F5-W2-R
Description  Mini Size Precision Snap-acting Switches
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

MM-GG-F5-W2-R Datasheet(HTML) 1 Page - C&K Components

  MM-GG-F5-W2-R Datasheet HTML 1Page - C&K Components MM-GG-F5-W2-R Datasheet HTML 2Page - C&K Components MM-GG-F5-W2-R Datasheet HTML 3Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
J
J–6
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ckswitches.com
24 Mar 21
MM Series
Mini Size Precision Snap-acting Switches
Features/Benefits
• Low level and power switching
• Long electrical and mechanical life
• Increased overtravel
• Reliable snap-acting mechanism
Typical Applications
• Limited space constraints
• Communication devices
Specifications
CONTACT RATING: From low level* to 7 AMPS @ 250 V AC.
ELECTRICAL LIFE: 100,000 cycles at full rated load.
INSULATION RESISTANCE: 1,000 ohm min.
DIELECTRIC STRENGTH: 1,000 V RMS min. @ sea level.
OPERATING TEMPERATURE: –67 F to 275 F (–55 C to 135 C).
OPERATING FORCE: 5 oz. (142 grams) max. at actuator button.
MOUNTING: 2-56 screws, torque 2 in/lbs max.
*Low Level=conditions where no arcing occurs during switching, i.e., 0.4 VA max. @
20 V AC or DC max.
NOTE: Specifications and materials listed above are for switches with standard options.
For information on specific and custom switches, consult Customer Service center.
Materials
SWITCH HOUSING: Heat resistant phenolic (UL 94V-0).
ACTUATOR BUTTON: Heat resistant phenolic (UL 94V-0).
SPRING: Beryllium copper CDA alloy C17200.
PIVOT: Brass CDA alloy 260.
MOVABLE CONTACTS: Fine silver for ratings greater than 1 AMP @
125 V AC. 24K gold for 1 AMP @ 125 V AC or less.
STATIONARY CONTACTS: Fine silver inlay on copper CDA alloy
C10200 for ratings greater than 1 AMP @ 125 V AC. 24K gold on
copper CDA alloy C10200 for 1 AMP @ 125 V AC or less.
TERMINALS: Copper CDA alloy C18700.
Build-A-Switch
To order, simply select desired option from each category and place in the appropriate box. For additional options not shown in
catalog, consult Customer Service Center.
Series
MM
Operating Force
GG
Electrical Rating
D1
F5
Actuator
P0
D0
L0
L2
W0
W2
MM
GG
Terminations
C
L
R
T
SP, Mom.
5 oz./142 grams
7A 125, 250 V AC
7A 28 VDC resistance
4A 28 VDC inductive
2.5A 28 VDC (lamp)
1 A, 125 V AC, 30 V DC
Pin plunger
Plunger, high overtravel
Leaf
Leaf, high force, low motion
Leaf roller
Leaf roller, high force,
low motion
Single turret solder
Left formed PC thru-hole
Right formed PC thru-hole
PC thru-hole, .035”
Quick connect *
A
* Only available in Electrical Rating D1 and Actuator P0


Similar Part No. - MM-GG-F5-W2-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MM-005 ETC-MM-005 Datasheet
99Kb / 1P
GEArray Q series Mouse Chemokines and Receptors Gene Array
MM-005-02 ETC-MM-005-02 Datasheet
99Kb / 1P
GEArray Q series Mouse Chemokines and Receptors Gene Array
MM-005-04 ETC-MM-005-04 Datasheet
99Kb / 1P
GEArray Q series Mouse Chemokines and Receptors Gene Array
MM-005-12 ETC-MM-005-12 Datasheet
99Kb / 1P
GEArray Q series Mouse Chemokines and Receptors Gene Array
MM-005N-02 ETC-MM-005N-02 Datasheet
99Kb / 1P
GEArray Q series Mouse Chemokines and Receptors Gene Array
More results

Similar Description - MM-GG-F5-W2-R

ManufacturerPart #DatasheetDescription
logo
C&K Components
ZMW CK-COMPONENTS-ZMW Datasheet
480Kb / 4P
Mini Size Snap-acting Switches
2020
ZMSM CK-COMPONENTS-ZMSM_V01 Datasheet
515Kb / 4P
Mini Size Snap-acting Switches
2021
ZMS CK-COMPONENTS-ZMS_V01 Datasheet
292Kb / 4P
Mini Size Snap-acting Switches
2021
ZM CK-COMPONENTS-ZM_V01 Datasheet
337Kb / 3P
Mini Size Snap-acting Switches
2021
ZMT CK-COMPONENTS-ZMT Datasheet
499Kb / 5P
Mini Size Sealed Snap-acting Switches
2022
ZMV CK-COMPONENTS-ZMV Datasheet
1Mb / 6P
Mini Size Snap-acting Switches
2021
MDSSNAP CK-COMPONENTS-MDSSNAP Datasheet
907Kb / 7P
Mini Size Snap-acting Switches
27 Sep 19
LC CK-COMPONENTS-LC Datasheet
417Kb / 4P
Small Size Precision Snap-acting Switches
MDS CK-COMPONENTS-MDS_V02 Datasheet
913Kb / 7P
Mini Size Snap-acting Switches
27 Sep 19
ZMA CK-COMPONENTS-ZMA_V02 Datasheet
442Kb / 4P
Mini Size Snap-acting Switches
31 May 21
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com