Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ROM-DB7503 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # ROM-DB7503
Description  Development Board for Qseven V2.1 ROM Modules
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ROM-DB7503 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  ROM-DB7503 Datasheet HTML 1Page - Advantech Co., Ltd. ROM-DB7503 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RISC Computing Platforms
Features
RoHS
COMPLIANT
2002/95/EC
ROM-DB7503
Introduction
ROM-DB7503 is the Referenced Carrier Board designed for Advantech's Qseven 2.1 module. It i provides a thorough environment for module board evaluation with its complete
function support. it's more easier for the end user to design portable devices by referring ROM-DB7503 design.
Specifications
Compatible Modules
Qseven V2.1 CPU module
Graphics
HDMI
1 HDMI 2.0 TypeA
LVDS
2 Single 24-bit LVDS
VGA
-
Ethernet
LAN
1 GbE with RJ45 connector
Storage
Flash
-
SD
1 SD card slot
SATA
2 SATA Connector
I/O
USB
1 USB mini Type B (OTG), 3 USB 3.0 Type A
COM
1 4-wire RS-232 DB9, 1 RS-232/422/485 DB9
Audio
1 2 port phone jack, support Line-in , Line-out
CAN
1 CAN bus 2.0B DB9, Differential mode +5V
GPIO
1 pin header
I2C
1 pin header
SPI
1 pin header
Camera Input
-
Keypad
-
I2S
1 pin header
Expansion
PCIe Slot
1 PCIe by 3
M.2
M.2 2230 Key E with
Power Input
Power
2 Power Inputs (+12V DC-Jack, Lithium-ion battery)
Environment
Operating Temperature
0 ~ 60 °C
Operating Humidity
0% ~ 90% relative humidity, non-condensing
Physical Characteristics
Dimensions
170 x 170 mm
Development Board for
Qseven V2.1 ROM Modules
ƒ
Supports Qseven V2.1 RISC Module
ƒ
Mini-ITX form factor
ƒ
Dual display outputs HDMI 2.0 and 24-bit LVDS
ƒ
Supports 1 x PCIe, 1 x GbE, 4 x USB 2.0, 1 x USB OTG2.0, 1 x SATAII,
1 x I2C, 1 x I2S, 1 x CANbus, 8 x GPIOs
ƒ
Support AT/ATX mode, Input power +12V
ƒ
Cable pack included
ƒ
Evaluative image & test utility built-in
NEW
All product specifications are subject to change without notice.
Last updated: 19-Oct-2020


Similar Part No. - ROM-DB7503

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ROM-DB7503-SCA1E ADVANTECH-ROM-DB7503-SCA1E Datasheet
3Mb / 4P
NXP ARM Cortex-A72 i.MX8 QuadMax Qseven 2.1 Module
7-Jul-2021
More results

Similar Description - ROM-DB7503

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SOM-DB3500 ADVANTECH-SOM-DB3500 Datasheet
1Mb / 2P
Qseven Development Board
SOM-DB3500 ADVANTECH-SOM-DB3500_13 Datasheet
401Kb / 2P
Qseven Development Board
SOM-DB3500 ADVANTECH-SOM-DB3500_15 Datasheet
408Kb / 2P
Qseven Development Board
ROM-DB7500 ADVANTECH-ROM-DB7500_15 Datasheet
571Kb / 2P
Development board for RISC Qseven Module
ROM-DK7420 ADVANTECH-ROM-DK7420_14 Datasheet
905Kb / 2P
Development kit for Freescale i.MX6 Qseven Module ROM-7420
SOM-DB3520 ADVANTECH-SOM-DB3520 Datasheet
433Kb / 2P
Qseven Development Board
ROM-DB7501 ADVANTECH-ROM-DB7501 Datasheet
485Kb / 2P
Development Board for Qseven v2.0 RISC Module
4-Mar-2016
ROM-DK7420 ADVANTECH-ROM-DK7420 Datasheet
430Kb / 2P
Development Kit for Qseven v1.2 Module ROM-7420
6-Jun-2019
ROM-DK7421 ADVANTECH-ROM-DK7421 Datasheet
440Kb / 2P
Development Kit for Qseven 2.0 CPU Module ROM-7421
6-Jun-2019
ROM-DK7510 ADVANTECH-ROM-DK7510 Datasheet
465Kb / 2P
Development Kit for Qseven 2.0 CPU Module ROM-7510
6-Jun-2019
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com