Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM74HC192 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM74HC192
Description  Synchronous Decade Up/Down Counters Synchronous Binary Up/Down Counters
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM74HC192 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  MM74HC192 Datasheet HTML 1Page - National Semiconductor (TI) MM74HC192 Datasheet HTML 2Page - National Semiconductor (TI) MM74HC192 Datasheet HTML 3Page - National Semiconductor (TI) MM74HC192 Datasheet HTML 4Page - National Semiconductor (TI) MM74HC192 Datasheet HTML 5Page - National Semiconductor (TI) MM74HC192 Datasheet HTML 6Page - National Semiconductor (TI) MM74HC192 Datasheet HTML 7Page - National Semiconductor (TI) MM74HC192 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AC Electrical Characteristics (Continued) VCC e 20V to 60V CLe 50 pF tretfe6ns
TAe25 C
74HC
54HC
Symbol
Parameter
Conditions
VCC
TAeb40 to 85 CTAeb55 to 125 C Units
Typ
Guaranteed Limits
tPLH tPHL Maximum Propagation Delay
Count Down
20V
39
130
163
195
ns
to Borrow
45V
16
26
33
39
ns
60V
14
22
28
33
ns
tTLH tTHL Maximum Output Rise
20V
30
75
95
110
ns
and Fall Time
45V
8
15
19
22
ns
60V
7
13
16
19
ns
tPLH
Maximum Propagation Delay
20V
77
215
269
323
ns
Low to High
45V
35
43
54
65
ns
Count Up Or
60V
30
37
46
55
ns
tPHL
Maximum Propagation Delay
Down to Q
20V
95
275
344
413
ns
High to Low
45V
45
55
69
83
ns
60V
38
47
59
71
ns
tPLH
Maximum Propagation Delay
20V
85
230
288
345
ns
Low to High
45V
37
46
58
69
ns
Data or
60V
30
39
49
59
ns
tPHL
Maximum Propagation Delay
Load to Q
20V
102
290
363
435
ns
High to Low
45V
47
58
73
87
ns
60V
39
49
61
74
ns
tPHL
Maximum Propagation Delay
20V
85
265
331
398
ns
High to Low
Clear to Q
45V
42
53
66
80
ns
60V
38
45
56
68
ns
Clear
20V
119
260
325
390
ns
or
’HC192 45V
42
52
65
78
ns
Load
60V
38
45
56
68
ns
20V
31
100
125
150
ns
Load
’HC193 45V
10
20
25
30
ns
tW
Minimum Pulse Width
60V
9
17
21
26
ns
20V
43
110
138
165
ns
Count UpDown 45V
17
22
28
33
ns
60V
15
19
24
29
ns
20V
70
130
163
195
ns
Clear
’HC193 45V
21
26
33
39
ns
60V
19
22
28
33
ns
20V
30
100
125
150
ns
tSD
Minimum Setup Time
Data
45V
10
20
25
30
ns
To
60V
9
17
22
25
ns
Load
20V b30
0
0
0
ns
tHD
Minimum Hold Time
45V
b
30
0
0
ns
60V
b
30
0
0
ns
tREM
Minimum Removal Time
Clear Inactive
20V b20
10
10
10
ns
to Clock
45V
b
310
10
10
ns
60V
b
210
10
10
ns
Maximum Count Up or Down
20V
500
500
500
ns
tr tf
Input Rise
Fall Time
45V
300
300
300
ns
60V
200
200
200
ns
CIN
Input Capacitance
5
10
10
10
pF
CPD
Power Dissipation Capacitance (Note 5)
100
pF
Note 5
CPD determines the no load dynamic power consumption PDeCPD VCC2 faICC VCC and the no load dynamic current consumption ISeCPD VCC faICC
4



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com