Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP3015 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP3015
Description  MICRO POWER STEP-UP DC-DC CONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3015 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP3015 Datasheet HTML 1Page - Diodes Incorporated AP3015 Datasheet HTML 2Page - Diodes Incorporated AP3015 Datasheet HTML 3Page - Diodes Incorporated AP3015 Datasheet HTML 4Page - Diodes Incorporated AP3015 Datasheet HTML 5Page - Diodes Incorporated AP3015 Datasheet HTML 6Page - Diodes Incorporated AP3015 Datasheet HTML 7Page - Diodes Incorporated AP3015 Datasheet HTML 8Page - Diodes Incorporated AP3015 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
MICRO POWER STEP-UP DC-DC CONVERTER
AP3015/A
2
May 2010 Rev. 1. 4
BCD Semiconductor Manufacturing Limited
Data Sheet
Figure 2. Pin Configuration of AP3015/A (Top View)
Pin Description
Pin Number
Pin Name
Function
1
SW
Switch Pin. This is the collector of the internal NPN power switch. Minimize the trace area
connected to this Pin to minimize EMI
2
GND
Ground Pin. GND should be tied directly to ground plane for best performance
3
FB
Feedback Pin. Set the output voltage through this pin. The formula is VOUT=1.23V*(1+R1/
R2). Keep the loop between Vout and FB as short as possible to minimize the ripple and noise,
which is beneficial to the stability and output ripple
4
SHDN
Shutdown Control Pin. Tie this pin above 0.9V to enable the device. Tie below 0.25V to turn
off the device
5VIN
Supply Input Pin. Bypass this pin with a capacitor as close to the device as possible
Pin Configuration
K Package
(SOT-23-5)
SW
FB
VIN
SHDN
GND
1
2
34
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com