Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP3441L Datasheet(PDF) 6 Page - Diodes Incorporated

Part # AP3441L
Description  1MHZ, 3A STEP-DOWN DC-DC BUCK CONVERTER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3441L Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button AP3441L Datasheet HTML 2Page - Diodes Incorporated AP3441L Datasheet HTML 3Page - Diodes Incorporated AP3441L Datasheet HTML 4Page - Diodes Incorporated AP3441L Datasheet HTML 5Page - Diodes Incorporated AP3441L Datasheet HTML 6Page - Diodes Incorporated AP3441L Datasheet HTML 7Page - Diodes Incorporated AP3441L Datasheet HTML 8Page - Diodes Incorporated AP3441L Datasheet HTML 9Page - Diodes Incorporated AP3441L Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
AP3441/L
Document number: DS39754 Rev. 3 - 2
6 of 13
www.diodes.com
September 2019
© Diodes Incorporated
AP3441/L
Typical Performance Characteristics (@TA = +25°C, VIN = 5V, VOUT = 1.8V, unless otherwise specified.)
Efficiency vs. Load Current
Output Voltage vs. Output Current
Output Voltage vs. Input Voltage
Feedback Reference Voltage vs. Temperature
PFET Drain-Source On-State Resistance vs. Temperature
NFET Drain-Source On-State Resistance vs. Temperature
0
500
1000
1500
2000
2500
3000
1.790
1.792
1.794
1.796
1.798
1.800
1.802
1.804
1.806
1.808
1.810
1.812
1.814
Ouput Current (mA)
V
IN
=5.0V V
O
=1.8V
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
1.798
1.800
1.802
1.804
1.806
1.808
1.810
1.812
Input Voltage (V)
V
O
=1.8V I
O
=3A
-60
-40
-20
0
20
40
60
80
100
120
140
0.594
0.595
0.596
0.597
0.598
0.599
0.600
0.601
0.602
0.603
0.604
Temperature (℃)
-60
-40
-20
0
20
40
60
80
100
120
140
45
50
55
60
65
70
75
80
85
90
95
Temperature(℃)
-60
-40
-20
0
20
40
60
80
100
120
140
25
30
35
40
45
50
55
60
65
70
75
Temperature (℃)
10
100
1000
60
65
70
75
80
85
90
95
100
Output Current (mA)
V
IN
=5V, V
OUT
=1.0V
V
IN
=5V, V
OUT
=1.8V
V
IN
=5V, V
OUT
=3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com