Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP1603 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP1603
Description  STEP-UP DC-DC CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1603 Datasheet(HTML) 3 Page - Diodes Incorporated

  AP1603 Datasheet HTML 1Page - Diodes Incorporated AP1603 Datasheet HTML 2Page - Diodes Incorporated AP1603 Datasheet HTML 3Page - Diodes Incorporated AP1603 Datasheet HTML 4Page - Diodes Incorporated AP1603 Datasheet HTML 5Page - Diodes Incorporated AP1603 Datasheet HTML 6Page - Diodes Incorporated AP1603 Datasheet HTML 7Page - Diodes Incorporated AP1603 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
AP1603
Document number: DS31131 Rev. 4 - 2
3 of 8
www.diodes.com
February 2014
© Diodes Incorporated
AP1603
Absolute Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Rating
Unit
VCC
Supply Voltage (OUT to GND)
-0.3 to 5.5
V
VREF
REF to GND
-0.3 to VOUT +0.3
V
VSW
Switch Voltage (LX to GND)
-0.3 to VOUT +0.3
V
IOUT
Output Current (OUT)
-0.8 to 0.2
A
ISW
Switch Current (LX)
-0.8 to 0.2
A
TST
Storage Temperature Range
-65 to +150
°C
TOP
Operation Temperature Range
-40 to +85
°C
Electrical Characteristics (VIN =2V, FB =VOUT, RL =∞, TA = 0°C to +85°C, unless otherwise specified. Typical Values @ TA = +25°C)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Minimum Input Voltage
—
0.9
—
V
VIN
Operating Voltage
TA = +25°C
1.1
—
5.5
V
Start-Up Voltage
TA = +25°C,
RL = 3kΩ (Note 4)
—
0.9
1.1
V
Start-Up Voltage Tempco
—
-4
—
mV/°C
Output Voltage Range
2
—
5.5
V
IOUT
Steady-State Output Current (Note 5)
FB = VOUT = 3.3V
100
150
—
mA
VIN = 2.4V, FB = GND,
VOUT = 5V
—
80
—
VREF
Reference Voltage
IREF = 0
1.196
1.22
1.244
V
VOUT
Output Voltage
FB = VOUT
3.17
3.3
3.43
V
FB = GND
4.8
5
5.2
TEMPCO
Reference Voltage Tempco
—
0.05
—
mV/°C
VREF_LOAD
Reference Voltage Load Regulation
IREF = 0 to 20μA
—
15
80
mV
VREF_LINE
Reference Voltage Line Regulation
VIN = 1.1V to 3.6V
—
0.08
1.5
mV/V
RDS (ON)
Internal NFET, PFET On-Resistance
ILX = 100mA
—
0.6
1.0
Ω
ILIM
LX Switch Current Limit (NFET)
0.3
0.35
0.4
A
ILEAK
LX Leakage Current
VLX = 0, 5.5V; VOUT = 5.5V
—
0.05
1
µA
Operating Current into OUT
VOUT = 3.3V
—
16
35
µA
Shutdown Current into OUT
SHDN = GND
—
0.1
1
µA
Efficiency
VOUT = 3.3V, ILOAD = 100mA
—
90
—
%
tON
LX Switch On-Time
3
4
7
µs
tOFF
LX Switch Off-Time
1.0
1.2
1.4
µs
ISHDN
SHDN Input Current
VSHDN = 0 or VOUT
—
0.07
50
nA
VIL
SHDN Input Voltage
Based on VOUT Voltage
—
—
0.2
VOUT
VIH
0.8
—
—
Notes:
4. Start-up voltage operation is guaranteed with the addition of a Schottky 1N5819 external diode between the input and output.
5. Steady-state output current indicates that the device maintains output voltage regulation under load.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com