Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MER2DBF Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # MER2DBF
Description  Surface Mount Super Fast Recovery Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

MER2DBF Datasheet(HTML) 1 Page - Pan Jit International Inc.

  MER2DBF Datasheet HTML 1Page - Pan Jit International Inc. MER2DBF Datasheet HTML 2Page - Pan Jit International Inc. MER2DBF Datasheet HTML 3Page - Pan Jit International Inc. MER2DBF Datasheet HTML 4Page - Pan Jit International Inc. MER2DBF Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MER2DBF
April 21,2022
MER2DBF-REV.00
Page 1
Surface Mount Super Fast Recovery Rectifier
Voltage
200 V
Current
2 A
SMBF
Features
 Superfast recovery times-epitaxial construction
 Low forward voltage, high current capability
 Low leakage
 Plastic package has Underwriters Laboratory Flammability
Classification 94V-O
 Lead free in compliance with EU RoHS 2.0
 Green molding compound as per IEC 61249 standard
Mechanical Data
 Case : SMBF Package
 Terminals : Solderable per MIL-STD-750, Method 2026
 Approx. Weight : 0.05 grams
Maximum Ratings and Thermal Characteristics (TA = 25
o
C unless otherwise noted)
PARAMETER
SYMBOL
LIMIT
UNITS
Maximum Repetitive Peak Reverse Voltage
VRRM
200
V
Maximum RMS Voltage
VRMS
140
V
Maximum DC Blocking Voltage
VDC
200
V
Maximum Average Forward Current
IF(AV)
2
A
Peak Forward Surge Current : 8.3 ms Single Half Sine-
Wave Superimposed On Rated Load
IFSM
60
A
Typical Junction Capacitance
Measured at 1 MHZ And Applied VR = 4 V
CJ
25
pF
Typical Thermal Resistance
(Note 1)
(Note 2)
(Note 2)
RθJA
RθJC
RθJL
135
21
18
oC/W
Operating Junction Temperature Range
TJ
-55~175
oC
Storage Temperature Range
TSTG
-55~175
oC


Similar Part No. - MER2DBF

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MER2DBF-AU PANJIT-MER2DBF-AU Datasheet
233Kb / 5P
Surface Mount Super Fast Recovery Rectifier
April 21,2022 MER2DBF-AU-REV.00
MER2DBF-AU_R1_007A1 PANJIT-MER2DBF-AU_R1_007A1 Datasheet
233Kb / 5P
Surface Mount Super Fast Recovery Rectifier
April 21,2022 MER2DBF-AU-REV.00
More results

Similar Description - MER2DBF

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
ED1002CS PANJIT-ED1002CS_04 Datasheet
39Kb / 2P
SURFACE MOUNT SUPER FAST RECOVERY RECTIFIER
logo
TAITRON Components Inco...
MFPU1S TAITRON-MFPU1S Datasheet
141Kb / 3P
Surface Mount Super Fast Recovery Rectifier
logo
YENYO TECHNOLOGY Co., L...
FS2A YENYO-FS2A Datasheet
751Kb / 2P
Surface Mount Super Fast Recovery Rectifier
logo
Microdiode Semiconducto...
ES1AF CHENDA-ES1AF_V01 Datasheet
1Mb / 3P
SURFACE MOUNT SUPER FAST RECOVERY RECTIFIER
ES3ABF CHENDA-ES3ABF_V01 Datasheet
985Kb / 3P
SURFACE MOUNT SUPER FAST RECOVERY RECTIFIER
ES3ABG CHENDA-ES3ABG_V01 Datasheet
1Mb / 3P
SURFACE MOUNT SUPER FAST RECOVERY RECTIFIER
logo
Pan Jit International I...
ERT2AAFC PANJIT-ERT2AAFC Datasheet
349Kb / 4P
Surface Mount Super Fast Recovery Rectifier
July 4,2020 ERT2AAFC_SERIES-REV.00
MER1DMB PANJIT-MER1DMB Datasheet
241Kb / 5P
Surface Mount Super Fast Recovery Rectifier
April 21,2022 MER1DMB-REV.00
MER2DAH-AU PANJIT-MER2DAH-AU Datasheet
188Kb / 5P
Surface Mount Super Fast Recovery Rectifier
April 21,2022 MER2DAH-AU-REV.00
MER2DMB PANJIT-MER2DMB Datasheet
242Kb / 5P
Surface Mount Super Fast Recovery Rectifier
April 21,2022 MER2DMB-REV.00
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com