Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA2131FN Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TA2131FN
Description  Low Current Consumption Headphone Amplifier for Portable MD Player (With Bass Boost Function)
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA2131FN Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TA2131FN Datasheet HTML 1Page - Toshiba Semiconductor TA2131FN Datasheet HTML 2Page - Toshiba Semiconductor TA2131FN Datasheet HTML 3Page - Toshiba Semiconductor TA2131FN Datasheet HTML 4Page - Toshiba Semiconductor TA2131FN Datasheet HTML 5Page - Toshiba Semiconductor TA2131FN Datasheet HTML 6Page - Toshiba Semiconductor TA2131FN Datasheet HTML 7Page - Toshiba Semiconductor TA2131FN Datasheet HTML 8Page - Toshiba Semiconductor TA2131FN Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
TA2131FN
2002-04-19
2
Block Diagram
BEEP
IN
MT
TC
PW
SW
RL
PWR
GND
OUTA
15
14
13
9
16
18
19
20
21
22
24
1
2
3
4
5
6
7
8
BEEP
OUTA
10
11
12
INA
23
VCC1
17
VCC1
BEEP
PWA
BST2
Vref
BOOST
SW
PW
SW
MUTE
SW
ON
OFF
ON
OFF
BST
AGC
RL
VCC2
+B (1.2 V)
PWB
BST1
BEEP
OUTB
OUTB
DET
AGC
IN
LPF2
BST
NF2
BST
OUT
BST
NF1
LPF1
Vref
GND
Vref
IN
BST
SW
MT
SW
VCC1
INB
(2.8 V)
Vref
Vref
DAC OUT
DAC OUT
Vref
Vref
Vref
Vref
BEEP
OFF
ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com