Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1105WL Datasheet(PDF) 7 Page - ams AG

Part # AS1105WL
Description  Serially Interfaced, 4-Digit LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1105WL Datasheet(HTML) 7 Page - ams AG

Back Button AS1105WL Datasheet HTML 3Page - ams AG AS1105WL Datasheet HTML 4Page - ams AG AS1105WL Datasheet HTML 5Page - ams AG AS1105WL Datasheet HTML 6Page - ams AG AS1105WL Datasheet HTML 7Page - ams AG AS1105WL Datasheet HTML 8Page - ams AG AS1105WL Datasheet HTML 9Page - ams AG AS1105WL Datasheet HTML 10Page - ams AG AS1105WL Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Data Sheet AS1105
Revision 1.32, Oct. 2004
Page 7 of 12
Duty Cycle
D7 D6 D5 D4 D3 D2 D1 D0 Hex Code
1/32 (min on)
XXXX 0 0 0 0
0xX0
3/32
XXXX 0 0 0 1
0xX1
5/32
XXXX 0 0 1 0
0xX2
7/32
XXXX 0 0 1 1
0xX3
9/32
XXXX 0 1 0 0
0xX4
11/32
XXXX 0 1 0 1
0xX5
13/32
XXXX 0 1 1 0
0xX6
15/32
XXXX 0 1 1 1
0xX7
17/32
XXXX 1 0 0 0
0xX8
19/32
XXXX 1 0 0 1
0xX9
21/32
XXXX 1 0 1 0
0xXA
23/32
XXXX 1 0 1 1
0xXB
25/32
XXXX 1 1 0 0
0xXC
27/32
XXXX 1 1 0 1
0xXD
29/32
XXXX 1 1 1 0
0xXE
31/32 (max on) XXXX 1 1 1 1
0xXF
Table 7: Intensity register format (address (hex) = 0xXA)
Register Data
Scan Limit
D7
D6
D5
D4
D3
D2
D1
D0
Hex Code
Display digit 0 only
X
X
X
X
X
0
0
0
0xX0
Display digits 0 & 1
X
X
X
X
X
0
0
1
0xX1
Display digits 0 1 2
X
X
X
X
X
0
1
0
0xX2
Display digits 0 1 2 3
X
X
X
X
X
0
1
1
0xX3
Table 8: Scan-limit register format (address (hex) = 0xXB)
Display Test Register
With the display test register 0Fh all LED can be tested. In
the test mode all LEDs are switched on at maximum
brightness (duty cycle 31/32). All programming of digit and
control registers is maintained. The format of the register is
given in table 10.
Number of
Digits
Displayed
Maximum
Segment Current
(mA)
110
220
330
Table 9: Maximum segment current for 1-, 2-, or 3-digit displays
Register Data
Mode
D7 D6 D5 D4 D3 D2 D1 D0
Normal Operation XXXXXXX
0
Display Test
Mode
XXXXXXX
1
Table 10: Display-test register format (address (hex) = 0xXF)
Note: The AS1105 remains in display-test mode until the
display-test register is reconfigured for normal operation.
No-Op Register (Cascading of AS1105)
The no-operation register 00h is used when AS1105s are
cascaded in order to support more than 4 digit displays. The
cascading must be done in a way that all DOUT are
connected to DIN of the following AS1105. The LOAD and
CLK signals are connected to all devices. For a write
operation for example to the fifth device the command must
be followed by four no-operation commands.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com