Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1120 Datasheet(PDF) 9 Page - ams AG

Part # AS1120
Description  46-Segment LCD Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1120 Datasheet(HTML) 9 Page - ams AG

Back Button AS1120 Datasheet HTML 4Page - ams AG AS1120 Datasheet HTML 5Page - ams AG AS1120 Datasheet HTML 6Page - ams AG AS1120 Datasheet HTML 7Page - ams AG AS1120 Datasheet HTML 8Page - ams AG AS1120 Datasheet HTML 9Page - ams AG AS1120 Datasheet HTML 10Page - ams AG AS1120 Datasheet HTML 11Page - ams AG AS1120 Datasheet HTML 12Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
www.austriamicrosystems.com
Revision 1.01
9 - 12
AS1120
austriamicrosystems
Data Sheet
Pin Assignments and Markings
8 Pinout and Packaging
Pin Assignments and Markings
Figure 8. Pin Assignments (Top View) and Markings
Pin Descriptions
Table 6. Pin Descriptions
Pin Number
Pin Name
Description
1, 16, 32, 33, 48, 49
N/C
Not Connected
2:5
LCD42:LCD45
LCD Output Segments 42:45
6
TEST
Test pin. This pin must be tied to pin VDD.
7
DATAOUT
Serial Data Output
8
CLKIN
Shift Register Clock
9
LOAD
Load Strobe from Shift Register to Latch
10
DATAIN
Serial Data Input
11
BPLIN
Backplane Input
12
BPLOUT
Backplane Output
13
RESETN
Active-Low Asynchronous Reset
14
VSSOSC
Internal Oscillator Power Ground
15
OSC
Oscillator Pad.
a). Internal clock (see page 7)
b) External clock; tied to VSSOSC
17:31
LCD0:LCD14
LCD Output Segments 0:14
34:41
LCD15:LCD22
LCD Output Segments 15:22
42
VSS
Power Ground
43
VDD
Positive Power Supply
44:47
LCD23:LCD26
LCD Output Segments 23:26
50:64
LCD27:LCD41
LCD Output Segments 27:41
AS1120
48 N/C
1
N/C
2
LCD42
3
LCD43
4
LCD44
5
LCD45
6
TEST
7
DATAOUT
8
CLKIN
9
LOAD
10
DATAIN
11
BPLIN
12
BPLOUT
13
RESETN
14
VSSOSC
15
OSC
16
N/C
47 LCD26
46 LCD25
45 LCD24
44 LCD23
43 VDD
42 VSS
41 LCD22
40 LCD21
39 LCD20
38 LCD19
37 LCD18
36 LCD17
35 LCD16
34 LCD15
33 N/C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com