Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3682-EB2 Datasheet(PDF) 31 Page - ams AG

Part # AS3682-EB2
Description  480mA Camera Lighting Management Unit
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3682-EB2 Datasheet(HTML) 31 Page - ams AG

Back Button AS3682-EB2 Datasheet HTML 27Page - ams AG AS3682-EB2 Datasheet HTML 28Page - ams AG AS3682-EB2 Datasheet HTML 29Page - ams AG AS3682-EB2 Datasheet HTML 30Page - ams AG AS3682-EB2 Datasheet HTML 31Page - ams AG AS3682-EB2 Datasheet HTML 32Page - ams AG AS3682-EB2 Datasheet HTML 33Page - ams AG AS3682-EB2 Datasheet HTML 34Page - ams AG AS3682-EB2 Datasheet HTML 35Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 43 page
background image
AS3682
austriamicrosystems
Data Sheet
General Purpose Inputs/Outputs
www.austriamicrosystems.com
Revision 2.21
31 - 43
11.6 General Purpose Inputs/Outputs
The general purpose input/output pins (GPIO0/P0, STROBE/F2) are highly configurable and can be used for the fol-
lowing functionality:
!
Digital Schmidt-Trigger Input
!
Digital Output with 4mA Driving Capability at 2.8V Supply (VDD_GPIO)
!
Tristate Output
!
Current Selection for CURR1x
The default mode for pins GPIO0/P0 and STROBE/F2 is input (pull-down for normal mode and pull-up for soft flash or
hard flash modes).
Note:
Each general purpose pin is independent of the other general purpose pin.
Table 31. GPIO Registers
Addr: 0A
GPIO_control
This register controls pins GPIO0/P0 and STROBE/F2.
Bit
Bit Name
Default
Access
Description
1:0
gpio0_mode
00b
R/W
Defines the direction for pin GPIO0/P0.
00 = Input only.
01 = Output (push and pull).
10 = Output (open drain, only NMOS is active).
11 = Output (open drain, only PMOS is active).
3:2
gpio0_pulls
01b Normal
Mode
10b Soft Flash
Mode
R/W
Adds pullup/pulldown functionality to pin GPIO0/P0.
00 = None
01 = Pulldown
10 = Pullup
11 = Analog input (for test purposes only).
5:4
strobe_mode
00b
R/W
Defines the direction for pin STROBE/F2.
00 = Input only.
01 = Output (push and pull).
10 = Output (open drain, only NMOS is active).
11 = Output (open drain, only PMOS is active).
7:6
strobe_pulls
01b Normal
Mode
10b Soft Flash
Mode
R/W
Adds pullup/pulldown functionality to pin STROBE/F2.
00 = None
01 = Pulldown
10 = Pullup
11 = Analog input (for test purposes only)
Addr: 0B
GPIO_output
This register selects internal signals to be switched to pins GPIO0/P0 and STROBE/F2
(if selected as output).
Bit
Bit Name
Default
Access
Description
0
gpio0_out
0R/W
In normal mode, if pin GPIO0/P0 is set to output, this bit is
transferred to that output.
1
strobe_out
0R/W
In normal mode, if pin STROBE/F2 is set to output, this bit
is transferred to that output.
2:7
N/A
Addr: 0C
GPIO_input
This register reads the signals at pins GPIO0/P0 and STROBE/F2 (if selected as input).
Bit
Bit Name
Default
Access
Description
0
gpio0_in
N/A
R
1
strobe_in
N/A
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com