Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STCCP27A Datasheet(PDF) 5 Page - STMicroelectronics

Part # STCCP27A
Description  1.8V/2.8V High speed dual differential line receivers, Compact camera port decoder, I2C control line
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCCP27A Datasheet(HTML) 5 Page - STMicroelectronics

  STCCP27A Datasheet HTML 1Page - STMicroelectronics STCCP27A Datasheet HTML 2Page - STMicroelectronics STCCP27A Datasheet HTML 3Page - STMicroelectronics STCCP27A Datasheet HTML 4Page - STMicroelectronics STCCP27A Datasheet HTML 5Page - STMicroelectronics STCCP27A Datasheet HTML 6Page - STMicroelectronics STCCP27A Datasheet HTML 7Page - STMicroelectronics STCCP27A Datasheet HTML 8Page - STMicroelectronics STCCP27A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
STCCP27A
Pin configuration
5/19
2
Pin configuration
Table 1.
Pin description
Figure 4.
Pin configuration (top through view - bumps are on the other side)
Pin n°
Symbol
Name and function
D5
D1
Decoder Output (LSB)
E5
D2
Decoder Output
D4
D3
Decoder Output
E4
D4
Decoder Output
D2
D5
Decoder Output
E2
D6
Decoder Output
D1
D7
Decoder Output
E1
D8
Decoder Output (MSB)
A2, A1
D+, D-
Differential Data Receiver Inputs
A5, A4
CLK+, CLK-
Differential CLK Receiver Inputs
B3
EN
Receivers Enable Input
D3
CLK
Clock Output
C3
H-SYNC
Horizontal Sync Output
B2
V-SYNC
Vertical Sync Output
A3, E3
GND
Ground
C5
VDD
Main Supply Voltage
B4
SYNC SEL
Select Sync Input
C1
VL
Secondary Supply Voltage
B1, C2
I/OVL1, I/OVL2
I2C Line (VL Referred)
B5, C4
I/OVDD1, I/OVDD2
I2C Line (VDD Referred)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com