Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STW51000 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STW51000
Description  SUPER INTEGRATED DSP ENGINE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW51000 Datasheet(HTML) 1 Page - STMicroelectronics

  STW51000 Datasheet HTML 1Page - STMicroelectronics STW51000 Datasheet HTML 2Page - STMicroelectronics STW51000 Datasheet HTML 3Page - STMicroelectronics STW51000 Datasheet HTML 4Page - STMicroelectronics STW51000 Datasheet HTML 5Page - STMicroelectronics STW51000 Datasheet HTML 6Page - STMicroelectronics STW51000 Datasheet HTML 7Page - STMicroelectronics STW51000 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1/8
GreenSIDE
STW51000
April 2005
This is preliminary information on a new product now in development. Details are subject to change without notice.
1
Product Features
■ Super Integrated SoC including 2 x ST140 quad
MAC DSP engines running at 600MHz and 1 x
ARM926 Micro Controller running at 300MHz
■ Double Quad-MAC units
■ Double Quad-ALU (32 and 40-bit)
■ 4800 MMacs/s - 29000 Mops - 7500 Mips
■ Convolutional Decoder Engine:
– 256 x 12.2 kpbs AMR voice users
– Programmable Code Parameters to support
multi-standards
(W-CDMA,
TD-SCDMA,
CDMA2000 and EDGE)
■ Turbo Decoder Engine:
– 28 x 384 kbps (8 iterations)
– Programmable Code Parameters to support
multi-standards (W-CDMA, TD-SCDMA and
CDMA2000)
– Includes CRC Processing
– Hardware Interleaver with multi-standard
support
■ Two 32-channel DMA Engines
■ 16Mbit Central Memory shared among DSPs,
µC and DMA Engines
■ One 32-bit External Memory Controller
■ One external Master Interface
■ One 32-bit Communication Interface
■ Two Multi-Channel Serial Ports
■ Two Ethernet MAC
■ One 16-bit UTOPIA Level 2 Interface
■ 32-bit General Purpose I/Os
■ Two 32-bit Timers
■ Programmable PLL Clock Generator
■ IEEE-1149.1 (JTAG)
■ Development tools available
■ Baseband modem SW deliverables available
2
ST140 Features
■ 32-bit Load/Store Architecture
■ 16-bit, 32-bit or 128-bit (SLIW) Instruction Set for
high performance / high code density trade off
■ Conditional Instructions to reduce code size and
overhead
■ Built-in Coprocessor Interfaces for highly
optimized Instruction Definition
■ Compiler Friendly Instruction Set for high
performance critical DSP Routines directly from
C
■ 8, 16, 32 and 40-bit Data Support
■ Circular and bit-reversed Data addressing
modes
■ 32x16 bit Multiplier eases floating point to fixed
point conversion
■ 8-bit Overflow protection
■ Bit Manipulation
■ Normalization, Saturation
■ Zero Overhead Loops
■ 32Kbytes L1 Program Cache and 64Kbytes L1
Data Cache
3
ARM926 Features
■ 32/16-bit RISC Architecture
■ 32-bit ARM Instruction Set for maximum
performance and flexibility
■ 16-bit Thumb Instruction set for high code
density
■ Built-in Memory Management Unit for OS
Support
■ 32Kbytes L1 Program Cache
■ 16KBytes L1 Data Cache
DATA BRIEF
SUPER INTEGRATED DSP ENGINE
Rev. 2
Figure 1. Package
Table 1. Order Codes
Part Number
Package
STW51000AT
PBGA/HSP-569
PBGA/HSP-569


Similar Part No. - STW51000

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW5093 STMICROELECTRONICS-STW5093 Datasheet
627Kb / 34P
2.7V SUPPLY 14-BIT LINEAR CODEC WITH HIGH-PERFORMANCE AUDIO FRONT-END
Mar-2004
STW5093CYLT STMICROELECTRONICS-STW5093CYLT Datasheet
620Kb / 34P
2.7V SUPPLY 14-BIT LINEAR CODEC WITH HIGH-PERFORMANCE AUDIO FRONT-END
Mar-2004
STW5094 STMICROELECTRONICS-STW5094 Datasheet
447Kb / 37P
18 BIT 8kHz TO 48kHz LOW POWER STEREO AUDIO DAC WITH INTEGRATED POWER AMPLIFIERS AND VOICE CODEC
Nov-2003
STW5094A STMICROELECTRONICS-STW5094A Datasheet
556Kb / 51P
18-bit Low Power Asynchronous Stereo Audio DAC with Integrated Power Amplifiers and Voice Codec
09-Dec-2005
STW5094A STMICROELECTRONICS-STW5094A Datasheet
600Kb / 52P
18-bit Low Power Asynchronous Stereo Audio DAC with Integrated Power Amplifiers and Voice Codec
09-Dec-2005
More results

Similar Description - STW51000

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST75C530 STMICROELECTRONICS-ST75C530 Datasheet
599Kb / 84P
SUPER INTEGRATED DEVICESWITH DSP, AFE & MEMORIES FORTELEPHONY,MODEM, FAXOVERINTERNET& POTSLINES
Feb-1999
logo
Freescale Semiconductor...
33800 FREESCALE-33800 Datasheet
1Mb / 39P
Engine Control Integrated Circuit
logo
Cirrus Logic
CS4953XX CIRRUS-CS4953XX Datasheet
629Kb / 38P
32-bit Audio Decoder DSP Family with Dual DSP Engine Technology
CS4970X4 CIRRUS-CS4970X4_09 Datasheet
579Kb / 34P
High Definition Audio Decoder DSP Family with Dual 32-bit DSP Engine Technology
CS4953XX_0911 CIRRUS-CS4953XX_0911 Datasheet
536Kb / 36P
Audio Decoder DSP Family with Dual 32-bit DSP Engine Technology
logo
Freescale Semiconductor...
MK50DX128CYY7 FREESCALE-MK50DX128CYY7 Datasheet
377Kb / 2P
Integrated measurement engine, Ethernet and LCD
logo
Texas Instruments
TMP007 TI1-TMP007_16 Datasheet
1Mb / 55P
Infrared Thermopile Sensor with Integrated Math Engine
logo
Intersil Corporation
D2-926XX INTERSIL-D2-926XX Datasheet
911Kb / 37P
Integrated DSP Digital Sound Processing
logo
Cirrus Logic
CS49DV8 CIRRUS-CS49DV8 Datasheet
561Kb / 30P
32-bit Dual Audio DSP Engine
CS49530X CIRRUS-CS49530X Datasheet
1Mb / 37P
Audio Decoder DSP Family with Dual 32-bit DSP Engine Technology
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com