Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLK2521 Datasheet(PDF) 13 Page - Texas Instruments

Part # TLK2521
Description  1 to 2.5 Gbps TRANSCEIVER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK2521 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLK2521 Datasheet HTML 9Page - Texas Instruments TLK2521 Datasheet HTML 10Page - Texas Instruments TLK2521 Datasheet HTML 11Page - Texas Instruments TLK2521 Datasheet HTML 12Page - Texas Instruments TLK2521 Datasheet HTML 13Page - Texas Instruments TLK2521 Datasheet HTML 14Page - Texas Instruments TLK2521 Datasheet HTML 15Page - Texas Instruments TLK2521 Datasheet HTML 16Page - Texas Instruments TLK2521 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
TLK2521
1 to 2.5 Gbps TRANSCEIVER
SLLS574B − JULY 2003 − REVISED JANUARY 2004
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
transmitter/receiver characteristics
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
VOD(p)
VOD(p) = |VTXP-VTXN|,
DC coupled. Preemphasis = high, See Figure 8
675
900
1280
mV
VOD(p)
VOD(p) = |VTXP-VTXN|,
Preemphasis VOD, direct
DC coupled. Preemphasis = low, See Figure 8
600
800
1210
mV
VOD(pp−p)
Differential, peak to peak output
DC coupled. Preemphasis = high, See Figure 8
1350
1800
2560
mV
VOD(pp−p)
Differential, peak to peak output
voltage with preemphasis
DC coupled. Preemphasis = low, See Figure 8
1200
1600
2420
mV
VOD(d)
VD(d) = |VTXP-VTXN|,
De-emphasis VOD, direct
DC coupled. See Figure 8
500
750
1100
mV
VOD(pp−d)
Differential, peak to peak output
voltage with deemphasis
DC coupled. See Figure 8
1000
1500
2200
mV
V(cmt)
Transmit termination voltage range,
(VTXP + VTXN)/2
1000
1250
1400
mV
VID
Receiver input voltage differential
VID= |RXP – RXN|
200
mV
Vcmr
Receiver common-mode voltage
range, (VRXP + VRXN)/2
1000
VDD−
350
mV
Iin
Receiver input leakage
−10
10
µA
Cin
Receiver input capacitance
2
pF
tt, tf
Differential output signal rise,
fall time (20% to 80%)
RL = 50 Ω, CL = 5 pF, See Figure 12
100
150
ps
Serial transmit data total jitter
(peak-to-peak)
Differential output jitter, random + deterministic,
223−1 PRBS pattern at 2.5 Gbps
0.15
UI
Receive jitter tolerance
Total input jitter, PRBS pattern, permitted eye
closure at zero crossing
0.5
UI
Tlatency
TX latency
At 1 Gbps
16
19
Bit
Tlatency
TX latency
At 2.5 Gbps
18
21
Bit
times
Rlatency
RX latency
At 1 Gbps
88
95
Bit
Rlatency
RX latency
At 2.5 Gbps
90
103
Bit
times
VOD(d)
VOD(p)
V(cmt)
VOD(p)
VOD(d)
Bit
Time
Bit
Time
tr
tf
VOD(pp_p)
VOD(pp_d)
Figure 8. Differential and Common-Mode Output Voltage Definitions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com