Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMTH6010LPD-13 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # DMTH6010LPD-13
Description  60V 175°C DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMTH6010LPD-13 Datasheet(HTML) 8 Page - Diodes Incorporated

  DMTH6010LPD-13 Datasheet HTML 1Page - Diodes Incorporated DMTH6010LPD-13 Datasheet HTML 2Page - Diodes Incorporated DMTH6010LPD-13 Datasheet HTML 3Page - Diodes Incorporated DMTH6010LPD-13 Datasheet HTML 4Page - Diodes Incorporated DMTH6010LPD-13 Datasheet HTML 5Page - Diodes Incorporated DMTH6010LPD-13 Datasheet HTML 6Page - Diodes Incorporated DMTH6010LPD-13 Datasheet HTML 7Page - Diodes Incorporated DMTH6010LPD-13 Datasheet HTML 8Page - Diodes Incorporated DMTH6010LPD-13 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
DMTH6010LPD
Document number: DS38244 Rev. 3 - 2
8 of 9
www.diodes.com
November 2021
© Diodes Incorporated
DMTH6010LPD
Suggested Pad Layout
Please see http://www.diodes.com/package-outlines.html for the latest version.
Site1:
PowerDI5060-8 (Type C)
Site2:
PowerDI5060-8/SWP (Type UXD)
Dimensions
Value
(in mm)
C
1.270
G
0.660
G1
0.820
X
0.610
X1
3.910
X2
1.650
X3
1.650
X4
4.420
Y
1.270
Y1
1.020
Y2
3.810
Y3
6.610
Dimensions
Value
(in mm)
C
1.270
G
0.660
G1
0.820
X
0.610
X1
1.720
X2
4.420
Y
1.270
Y1
1.020
Y2
3.810
Y3
6.610
1
8
Y3
X4
Y1
Y2
X1
G1
X
C
Y( 4x)
G
X2
X3
Y3
X2
Y1
Y2
X1
G1
X( 8x)
C
Y( 4x)
G
X1



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com