Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PRV6 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # PRV6
Description  Fully Sealed Potentiometer Cermet or Conductive Plastic
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PRV6 Datasheet(HTML) 3 Page - Vishay Siliconix

  PRV6 Datasheet HTML 1Page - Vishay Siliconix PRV6 Datasheet HTML 2Page - Vishay Siliconix PRV6 Datasheet HTML 3Page - Vishay Siliconix PRV6 Datasheet HTML 4Page - Vishay Siliconix PRV6 Datasheet HTML 5Page - Vishay Siliconix PRV6 Datasheet HTML 6Page - Vishay Siliconix PRV6 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
PRV6
www.vishay.com
Vishay Sfernice
Revision: 15-Jun-2022
3
Document Number: 51035
For technical questions, contact: sferpottrimmers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Nothing stated herein shall be construed as a guarantee of quality or durability
MECHANICAL SPECIFICATIONS
Mechanical travel
300° ± 5°
Operating torque (Ncm (oz.in.))
0.5 to 2 (0.7 to 3)
End stop torque (max. Ncm (lb.in.))
35 (3)
Tightening torque (max. Ncm (lb.in.))
150 (13)
Weight (g)
5 to 8 max.
ENVIRONMENTAL SPECIFICATIONS
PRV6S, PRV6B
PRV6A, PRV6C
Temperature range
-55 °C to +125 °C
-40 °C to +125 °C
Climatic category
55/125/56
40/125/56
Sealing
Fully sealed container; IP67 and panel sealed
PERFORMANCES
TESTS
CONDITIONS
TYPICAL VALUES AND DRIFTS
ΔRT/RT (%)
ΔR1-2/R1-2 (%)
OTHER
Electrical endurance
1000 h at rated power
90'/30' - temperature 70 °C
± 1 %
CRV < 3 % Rn
Climatic sequence
Phase A dry heat 125 °C
Phase B damp heat
Phase C cold -55 °C
Phase D damp heat 5 cycles
± 0.5 %
± 1 %
Damp heat, steady state
56 days
± 0.5 %
± 1 %
Insulation resistance: > 104 M
Ω
Change of temperature
5 cycles, -55 °C to +125 °C
± 0.5 %
Mechanical endurance
50 000 cycles
± 3 %
CRV < 2 % Rn
Shock
50 g at 11 ms
3 successive shocks
in 3 directions
± 0.1 %
± 0.2 %
Vibration
10 Hz to 55 Hz
0.75 mm or 10 g during 6 h
± 0.1 %
± 0.2 %
STANDARD RESISTANCE ELEMENT DATA
STANDARD
RESISTANCE
VALUES
PRV6S AND PRV6B WITH LINEAR TAPER
PRV6S AND PRV6B WITH NON-LINEAR TAPER
MAX. POWER
AT 70 °C
MAX. WORKING
VOLTAGE
MAX. WIPER
CURRENT
MAX. POWER
AT 70 °C
MAX. WORKING
VOLTAGE
MAX. WIPER
CURRENT
Ω
WV
mA
W
V
mA
20
1.5
5.48
274
50
1.5
8.66
173
100
1.5
12.2
122
200
1.5
17.3
87
500
1.5
27.4
55
0.75
19.4
39
1K
1.5
38.7
38.7
0.75
27.3
27.4
2K
1.5
54.8
27.4
0.75
38.2
19.3
5K
1.5
86.6
17.3
0.75
61.2
12.2
10K
1.5
122.5
12.2
0.75
87
8.7
20K
1.5
173
8.26
0.75
122
6.1
50K
1.5
274
5.65
0.75
194
3.9
100K
1.22
350
3.5
0.75
273
2.74
220K
0.61
350
1.75
0.61
350
1.75
500K
0.25
350
0.70
0.25
350
0.7
1M
0.12
350
0.35
0.12
350
0.35
2M
0.06
350
0.17
5M
0.025
350
0.070
10M
0.012
350
0.035



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com