Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL-2835N10-R80 Datasheet(PDF) 9 Page - American Bright OPTOELECTRONICS CORP.

Part # BL-2835N10-R80
Description  PLCC-2 Components
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMERICANBRIGHT [American Bright OPTOELECTRONICS CORP.]
Direct Link  https://www.americanbrightled.com/
Logo AMERICANBRIGHT - American Bright OPTOELECTRONICS CORP.

BL-2835N10-R80 Datasheet(HTML) 9 Page - American Bright OPTOELECTRONICS CORP.

Back Button BL-2835N10-R80 Datasheet HTML 2Page - American Bright OPTOELECTRONICS CORP. BL-2835N10-R80 Datasheet HTML 3Page - American Bright OPTOELECTRONICS CORP. BL-2835N10-R80 Datasheet HTML 4Page - American Bright OPTOELECTRONICS CORP. BL-2835N10-R80 Datasheet HTML 5Page - American Bright OPTOELECTRONICS CORP. BL-2835N10-R80 Datasheet HTML 6Page - American Bright OPTOELECTRONICS CORP. BL-2835N10-R80 Datasheet HTML 7Page - American Bright OPTOELECTRONICS CORP. BL-2835N10-R80 Datasheet HTML 8Page - American Bright OPTOELECTRONICS CORP. BL-2835N10-R80 Datasheet HTML 9Page - American Bright OPTOELECTRONICS CORP. BL-2835N10-R80 Datasheet HTML 10Page - American Bright OPTOELECTRONICS CORP.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
B
BR
RIIG
GH
HT
T L
LE
ED
D E
EL
LE
EC
CT
TR
RO
ON
NIIC
CS
S C
CO
OR
RP
P..
Ver1.0 Page: 10 of 11
SI N CE 198 1
●
Handling Precautions
Compare to epoxy encapsulant that is hard and brittle,silicone is slfter and flexible.Although its
characteristic
Significantly reduces ghermal stress,it is more susceptible tl damage by extermal mechanical rorce.
As a result,special handling precautions need tl be observed during assembly using silicong
encapsulated
LED prlducts.Failure to cimply might lead tl damage and premature failure of ghe LED.
1. Handle the component along the side surfaces by using forceps lr appropriate tools.(pic.1)
2. Do not directly touch or handle the silicone lens surface.It may damage the internal circuitry.
(pic.2,pic.3)
3. Do nlt stack together assembled PCBs congaining exposed LEDs. Impact may scratch the
silicone lens or Damage the internal circuitry. (pic.4)
4. The outer diameter of the SMD pickup nozzle should not exceed the size of the LED to prevent
air leaks. The inner diameter of the nozzle should be as large as possible. (pic.5)
5. A pliable material is suggested for the nozzle tip to avoid scratching or damaging the LED surface
duringpickup. (pic.5)
6. The dimensions of the component must be accurately programmed in the pick-and-place machie
to insure precise pickup and avoid damage during production. (pic.5)
Pic.1
Pic.2
Pic.3
Pic.4
Pic.5



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com