Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CFMS4 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CFMS4
Description  SURFACE MOUNT DUAL, COMMON BASE, SILICON PNP TRANSISTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CFMS4 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CFMS4 Datasheet HTML 1Page - Central Semiconductor Corp CFMS4 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Collector-Base Voltage
VCBO
120
V
Collector-Emitter Voltage
VCEO
120
V
Emitter-Base Voltage
VEBO
5.0
V
Continuous Collector Current
IC
50
mA
Power Dissipation
PD
350
mW
Operating and Storage
Junction Temperature
TJ,Tstg
-65 to +150
°C
ELECTRICAL CHARACTERISTICS PER TRANSISTOR: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ICBO
VCB=100V
500
nA
IEBO
VEB=4.0V
500
nA
BVCBO
IC=50µA
120
V
BVCEO
IC=1.0mA
120
V
BVEBO
IE=50µA
5.0
V
VCE(SAT)
IC=10mA, IB=1.0mA
500
mV
hFE
VCE=6.0V, IC=2.0mA
180
820
fT
VCE=12V, IE=2.0mA, f=100MHz
140
MHz
CFMS4
SURFACE MOUNT
DUAL, COMMON BASE,
SILICON PNP TRANSISTORS
SOT-25 CASE
Central
Semiconductor Corp.
TM
R0 (20-July 2004)
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CFMS4
consists of two silicon PNP transistors in a
common base configuration, manufactured by the
epitaxial planar process and epoxy molded in a
space saving SOT-25 surface mount package.
This device has been designed for small signal
applications where a high breakdown voltage is
required.
MARKING CODE: CFMS4


Similar Part No. - CFMS4

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
CFM MERITEK-CFM Datasheet
464Kb / 2P
Carbon Film MELF Resistor
logo
Stackpole Electronics, ...
CFM SEI-CFM Datasheet
713Kb / 11P
Carbon Film Resistor
3/3/2022
logo
Bertech.
CFM BERTECH-CFM Datasheet
169Kb / 1P
Conductive Floor Mats and Kits
logo
CUI INC
CFM-120 CUI-CFM-120 Datasheet
799Kb / 6P
DC AXIAL FAN
CFM-120B CUI-CFM-120B Datasheet
1Mb / 9P
DC AXIAL FAN
05/12/2021
More results

Similar Description - CFMS4

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMLT2907A CENTRAL-CMLT2907A Datasheet
95Kb / 2P
SURFACE MOUNT DUAL PNP SILICON TRANSISTORS
CMKT2907A CENTRAL-CMKT2907A_10 Datasheet
499Kb / 2P
SURFACE MOUNT DUAL PNP SILICON TRANSISTORS
CMLT2907A CENTRAL-CMLT2907A_10 Datasheet
581Kb / 2P
SURFACE MOUNT DUAL PNP SILICON TRANSISTORS
CMLT5087EM CENTRAL-CMLT5087EM Datasheet
751Kb / 2P
SURFACE MOUNT DUAL, MATCHED PNP SILICON TRANSISTORS
CMXT2907A CENTRAL-CMXT2907A_10 Datasheet
556Kb / 2P
SURFACE MOUNT DUAL PNP SILICON TRANSISTORS
CMXT3906 CENTRAL-CMXT3906_10 Datasheet
557Kb / 2P
SURFACE MOUNT DUAL PNP SILICON TRANSISTORS
CYT4033D CENTRAL-CYT4033D Datasheet
545Kb / 2P
SURFACE MOUNT DUAL, ISOLATED PNP SILICON TRANSISTORS
CMKT2907A CENTRAL-CMKT2907A_15 Datasheet
499Kb / 2P
SURFACE MOUNT DUAL PNP SILICON TRANSISTORS
CMXT2907A CENTRAL-CMXT2907A_15 Datasheet
556Kb / 2P
SURFACE MOUNT DUAL PNP SILICON TRANSISTORS
CMXT3906 CENTRAL-CMXT3906_15 Datasheet
557Kb / 2P
SURFACE MOUNT DUAL PNP SILICON TRANSISTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com