Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FD2D006P9 Datasheet(PDF) 1 Page - Belden Inc.

Part # FD2D006P9
Description  Indoor/Outdoor Plenum OM2 Distribution 6 Fibers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

FD2D006P9 Datasheet(HTML) 1 Page - Belden Inc.

  FD2D006P9 Datasheet HTML 1Page - Belden Inc. FD2D006P9 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: FD2D006P9
Indoor/Outdoor Plenum OM2 Distribution 6 Fibers
Product Description
FX Indoor/Outdoor OM2 Distribution Tight Buffer 6 Fibers OFNP Non-Unitized Black Jacket
Technical Specifications
Product Overview
Product Category:
Fiber Distribution Cable
Suitable Applications:
Premise Backbone
Fiber Specifications
Fiber Type:
OM2
Fiber Core Diameter:
50/125 µm
Buffer Material:
PVC - Polyvinyl Chloride
Buffer Diameter:
900 µm
Fiber Count:
6
Fiber Color Coding:
TIA-598-D
Cable Construction
Cable Core Waterblocking:
Waterblocking Aramid Yarns
Outer Jacket Specifications
Strength Member:
Waterblocking Aramid Yarns
Jacket Material:
PVC - Polyvinyl Chloride
Nom. Diameter:
0.190 in (4.8 mm)
Color:
Black
Number of Ripcords:
1
Optical Characteristics
Wavelength
850 nm
1300 nm
Max. Attenuation
3.5 dB/km
1.25 dB/km
1 Gigabit Ethernet Performance
600 m
600 m
10 Gigabit Ethernet Performance
82 m
--
Min. Restricted Mode Launch
950 MHz.km 500 MHz.km
Min. Overfilled Launch (OFL) Bandwidth 700 MHz.km 500 MHz.km
Mechanical Characteristics
Min. Bend Radius During Installation:
15x Cable OD
Min. Bend Radius During Operation:
10x Cable OD
Max. Tensile Strength During Installation: 660 N (150 lbf)
Max. Tensile Strength During Operation:
200 N (45 lbf)
Crush Resistance:
220 N/cm
Bulk Cable Weight:
15 lbs/kft (22 kg/km)
Temperature Range


Similar Part No. - FD2D006P9

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
FD2D006R9 BELDEN-FD2D006R9 Datasheet
129Kb / 2P
Indoor/Outdoor Riser OM2 Distribution 6 Fibers
2022 Belden, Inc
More results

Similar Description - FD2D006P9

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
FD4D024P9A BELDEN-FD4D024P9A Datasheet
143Kb / 2P
Indoor/Outdoor Plenum OM4 Distribution 24 Fibers
2022 Belden, Inc
FDSD006P9 BELDEN-FDSD006P9 Datasheet
128Kb / 2P
Indoor/Outdoor Plenum OS2 Distribution 6 Fibers
2022 Belden, Inc
FDSD024P9 BELDEN-FDSD024P9 Datasheet
136Kb / 2P
Indoor/Outdoor Plenum OS2 Distribution 24 Fibers
2022 Belden, Inc
FD1D006P9 BELDEN-FD1D006P9 Datasheet
129Kb / 2P
Indoor/Outdoor Plenum OM1 Distribution 6 Fibers
2022 Belden, Inc
FD1D012P9 BELDEN-FD1D012P9 Datasheet
134Kb / 2P
Indoor/Outdoor Plenum OM1 Distribution 12 Fibers
2022 Belden, Inc
FD1D024P9 BELDEN-FD1D024P9 Datasheet
137Kb / 2P
Indoor/Outdoor Plenum OM1 Distribution 24 Fibers
2022 Belden, Inc
FD2D002R9 BELDEN-FD2D002R9 Datasheet
128Kb / 2P
Indoor/Outdoor Riser OM2 Distribution 2 Fibers
2022 Belden, Inc
FD2D006R9 BELDEN-FD2D006R9 Datasheet
129Kb / 2P
Indoor/Outdoor Riser OM2 Distribution 6 Fibers
2022 Belden, Inc
FD2D012P9 BELDEN-FD2D012P9 Datasheet
134Kb / 2P
Indoor/Outdoor Plenum OM2 Distribution 12 Fibers
2022 Belden, Inc
FD2L006P0 BELDEN-FD2L006P0 Datasheet
140Kb / 2P
Indoor/Outdoor Plenum Loose-Tube OM2 6 Fibers
11-09-2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com