Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMLD2004C Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMLD2004C
Description  SURFACE MOUNT DUAL, HIGH VOLTAGE SILICON SWITCHING DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMLD2004C Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMLD2004C Datasheet HTML 1Page - Central Semiconductor Corp CMLD2004C Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CMLD2004
SERIES contains two (2) High Voltage Silicon
Switching Diodes, manufactured by the epitaxial
planar process, epoxy molded in a PICOmini™
surface
mount
package,
designed
for
applications requiring high voltage capability.
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Continuous Reverse Voltage
VR
240
V
Peak Repetitive Reverse Voltage
VRRM
300
V
Peak Repetitive Reverse Current
IO
200
mA
Continuous Forward Current
IF
225
mA
Peak Repetitive Forward Current
IFRM
625
mA
Forward Surge Current, tp=1 µs
IFSM
4.0
A
Forward Surge Current, tp=1 s
IFSM
1.0
A
Power Dissipation
PD
250
mW
Operating and Storage
Junction Temperature
TJ,Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
500
°C/W
ELECTRICAL CHARACTERISTICS PER DIODE: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
IR
VR=240V
100
nA
IR
VR=240V, TA=150°C
100
µA
BVR
IR=100µA
300
V
VF
IF=100mA
1.0
V
CT
VR=0, f=1.0 MHz
5.0
pF
trr
IF=IR=30mA, Rec. to 3.0mA, RL=100Ω
50
ns
CMLD2004
CMLD2004A
CMLD2004C
CMLD2004S
CMLD2004DO
SURFACE MOUNT
DUAL, HIGH VOLTAGE
SILICON SWITCHING DIODES
SOT-563 CASE
Central
Semiconductor Corp.
TM
R3 (04-June 2003)
The following configurations are available:
CMLD2004
DUAL, ISOLATED
MARKING CODE: 04D
CMLD2004A
DUAL, COMMON ANODE
MARKING CODE: 04A
CMLD2004C
DUAL, COMMON CATHODE
MARKING CODE: 04C
CMLD2004S
DUAL, IN SERIES
MARKING CODE: 04S
CMLD2004DO
DUAL, ISOLATED OPPOSING
MARKING CODE: 04O


Similar Part No. - CMLD2004C

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMLD2004C CENTRAL-CMLD2004C Datasheet
526Kb / 2P
SURFACE MOUNT DUAL, HIGH VOLTAGE SILICON SWITCHING DIODES
CMLD2004C CENTRAL-CMLD2004C Datasheet
457Kb / 3P
HIGH VOLTAGE SWITCHING DIODES
More results

Similar Description - CMLD2004C

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMPD2005S CENTRAL-CMPD2005S Datasheet
109Kb / 2P
SURFACE MOUNT DUAL, IN SERIES HIGH VOLTAGE SILICON SWITCHING DIODES
CMSD2005S CENTRAL-CMSD2005S Datasheet
115Kb / 2P
SURFACE MOUNT DUAL, IN SERIES HIGH VOLTAGE SILICON SWITCHING DIODES
logo
Pan Jit International I...
BAS21A PANJIT-BAS21A Datasheet
44Kb / 3P
SURFACE MOUNT, HIGH VOLTAGE, DUAL SWITCHING DIODES
BAS21A PANJIT-BAS21A_09 Datasheet
89Kb / 3P
SURFACE MOUNT, HIGH VOLTAGE, DUAL SWITCHING DIODES
logo
Central Semiconductor C...
BAW101 CENTRAL-BAW101_11 Datasheet
428Kb / 2P
SURFACE MOUNT DUAL, ISOLATED HIGH VOLTAGE SILICON SWITCHING DIODES
CMLD2004 CENTRAL-CMLD2004_10 Datasheet
526Kb / 2P
SURFACE MOUNT DUAL, HIGH VOLTAGE SILICON SWITCHING DIODES
CMPD2005S CENTRAL-CMPD2005S_10 Datasheet
398Kb / 2P
SURFACE MOUNT DUAL, IN SERIES HIGH VOLTAGE SILICON SWITCHING DIODES
CMSD2005S CENTRAL-CMSD2005S_10 Datasheet
472Kb / 2P
SURFACE MOUNT DUAL, IN SERIES HIGH VOLTAGE SILICON SWITCHING DIODES
logo
Pan Jit International I...
BAS21A PANJIT-BAS21A_17 Datasheet
260Kb / 5P
SURFACE MOUNT, HIGH VOLTAGE, DUAL SWITCHING DIODES
BAS21A-AU PANJIT-BAS21A-AU_17 Datasheet
260Kb / 5P
SURFACE MOUNT, HIGH VOLTAGE, DUAL SWITCHING DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com