Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADRF5144BCCZN-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADRF5144BCCZN-R7
Description  10 W Average, Silicon SPDT, Reflective Switch, 1 GHz to 20 GHz
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5144BCCZN-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADRF5144BCCZN-R7 Datasheet HTML 1Page - Analog Devices ADRF5144BCCZN-R7 Datasheet HTML 2Page - Analog Devices ADRF5144BCCZN-R7 Datasheet HTML 3Page - Analog Devices ADRF5144BCCZN-R7 Datasheet HTML 4Page - Analog Devices ADRF5144BCCZN-R7 Datasheet HTML 5Page - Analog Devices ADRF5144BCCZN-R7 Datasheet HTML 6Page - Analog Devices ADRF5144BCCZN-R7 Datasheet HTML 7Page - Analog Devices ADRF5144BCCZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5144BCCZN-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Data Sheet
ADRF5144
10 W Average, Silicon SPDT, Reflective Switch, 1 GHz to 20 GHz
Rev. 0
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
Information furnished by Analog Devices is believed to be accurate and reliable "as is". However, no responsibility is assumed by Analog
Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to
change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
FEATURES
Wideband frequency range: 1 GHz to 20 GHz
Low insertion loss: 0.8 dB typical to 20 GHz
High Isolation: 52 dB typical to 20 GHz
High input linearity
0.1 dB power compression (P0.1dB): 44 dBm
Third order intercept (IP3): >70 dBm
Second order intercept (IP2): >120 dBm
High power handling at TCASE = 85°C:
Insertion loss path
Average: 40 dBm
Pulsed (>100 ns pulse width, 15% duty cycle): 43 dBm
Peak (≤100 ns peak duration, 5% duty cycle): 44 dBm
Hot-switching: 37 dBm
0.1 dB RF settling time with PIN ≤ 37 dBm: 750 ns
No low frequency spurious
Positive control interface: CMOS/LVTTL-compatible
20-lead, 3.0 mm × 3.0 mm LGA package
Pin compatible with ADRF5141
APPLICATIONS
Military radios, radars, and electronic counter measures
Satcom
Test and instrumentation
GaN and PIN diode replacement
FUNCTIONAL BLOCK DIAGRAM
Figure 1. Functional Block Diagram
GENERAL DESCRIPTION
The ADRF5144 is a reflective, single pole double-throw (SPDT)
switch manufactured in the silicon process.
The ADRF5144 operates from 1 GHz to 20 GHz with typical inser-
tion loss of 0.8 dB and typical isolation of 52 dB. The device has
a radio frequency (RF) input power handling capability of 40 dBm
average power and 44 dBm peak power for the insertion loss path.
The ADRF5144 draws a low current of 130 μA on the positive sup-
ply of +3.3 V and 510 μA on negative supply of −3.3 V. The device
employs complementary metal-oxide semiconductor (CMOS)-/low-
voltage transistor to transistor logic (LVTTL)-compatible controls.
The ADRF5144 requires no additional driver circuitry, which makes
it an ideal alternative to GaN and PIN diode-based switches.
The ADRF5144 can also operate with a single positive supply volt-
age (VDD) applied while the negative supply voltage (VSS) is tied to
ground. In this operating condition, the small signal performance is
maintained while the switching characteristics, linearity, and power
handling performance are derated, see Table 2.
The ADRF5144 comes in a 20-lead, 3.0 mm × 3.0 mm, RoHS-com-
pliant, land grid array (LGA) package and can operate from −40°C
to +85°C.


Similar Part No. - ADRF5144BCCZN-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRF5141 AD-ADRF5141 Datasheet
680Kb / 13P
Silicon, Transmit and Receive Switch with Limiter, 6 GHz to 12 GHz
Rev. 0
ADRF5141-EVALZ AD-ADRF5141-EVALZ Datasheet
680Kb / 13P
Silicon, Transmit and Receive Switch with Limiter, 6 GHz to 12 GHz
Rev. 0
ADRF5141BCCZN AD-ADRF5141BCCZN Datasheet
680Kb / 13P
Silicon, Transmit and Receive Switch with Limiter, 6 GHz to 12 GHz
Rev. 0
ADRF5141BCCZN-R7 AD-ADRF5141BCCZN-R7 Datasheet
680Kb / 13P
Silicon, Transmit and Receive Switch with Limiter, 6 GHz to 12 GHz
Rev. 0
ADRF5142 AD-ADRF5142 Datasheet
475Kb / 10P
High Power, 40 W Peak, Silicon SPDT, Reflective Switch, 8 GHz to 11 GHz
Rev. 0
More results

Similar Description - ADRF5144BCCZN-R7

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
FMS2024 FILTRONIC-FMS2024 Datasheet
149Kb / 4P
DC-20 GHZ MMIC SPDT REFLECTIVE SWITCH
FMS2024 FILTRONIC-FMS2024_1 Datasheet
184Kb / 5P
DC-20 GHZ MMIC SPDT REFLECTIVE SWITCH
logo
Custom MMIC Design Serv...
CMD195 MMIC-CMD195 Datasheet
210Kb / 9P
DC-20 GHz SPDT Non-reflective Switch
logo
Analog Devices
ADRF5300 AD-ADRF5300 Datasheet
249Kb / 11P
Silicon, SPDT Switch, Reflective, 24 GHz to 32 GHz
9/2020-Revision 0
ADRF5025 AD-ADRF5025 Datasheet
446Kb / 13P
Silicon SPDT Switch, Reflective, 9 kHz to 44 GHz
5/2020-Rev. A to Rev. B
ADRF5132 AD-ADRF5132 Datasheet
362Kb / 12P
High Power, 20 W Peak, Silicon SPDT, Reflective Switch, 0.7 GHz to 5.0 GHz
8/2019-Rev. A to Rev. B
ADRF5160 AD-ADRF5160 Datasheet
351Kb / 12P
High Power, 88 W Peak, Silicon SPDT, Reflective Switch, 0.7 GHz to 4.0 GHz
5/2018-Revision 0
ADRF5301 AD-ADRF5301 Datasheet
294Kb / 9P
Silicon SPDT Switch, Reflective, 35 GHz to 44 GHz
ADRF5032 AD-ADRF5032 Datasheet
668Kb / 11P
1 GHz to 60 GHz, Reflective, Silicon SPDT Switch
Rev. 0
ADRF5054 AD-ADRF5054 Datasheet
1Mb / 13P
1 GHz to 60 GHz, Reflective, Silicon SP4T Switch
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com