Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM8080MPYPBF Datasheet(PDF) 21 Page - Analog Devices

Part # LTM8080MPYPBF
Description  40VIN, Dual 500mA or Single 1A Ultralow Noise, Ultrahigh PSRR μModule Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8080MPYPBF Datasheet(HTML) 21 Page - Analog Devices

Back Button LTM8080MPYPBF Datasheet HTML 17Page - Analog Devices LTM8080MPYPBF Datasheet HTML 18Page - Analog Devices LTM8080MPYPBF Datasheet HTML 19Page - Analog Devices LTM8080MPYPBF Datasheet HTML 20Page - Analog Devices LTM8080MPYPBF Datasheet HTML 21Page - Analog Devices LTM8080MPYPBF Datasheet HTML 22Page - Analog Devices LTM8080MPYPBF Datasheet HTML 23Page - Analog Devices LTM8080MPYPBF Datasheet HTML 24Page - Analog Devices LTM8080MPYPBF Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
LTM8080
21
Rev. 0
For more information www.analog.com
8080 F02
COUT2
COUT1
CSET2
RSET2
RSET1
CBUS
CIN
VSNS1
VOUT1
VSNS2
VOUT2
CSET1
VIN
Figure 2. Layout Showing Suggested External Components, GND
Plane and Thermal Vias
Hot-Plugging Safely
The small size, robustness, and low impedance of ceramic
capacitors make them an attractive option for the input
bypass capacitor of LTM8080. However, these capacitors
can cause problems if the LTM8080 is plugged into a live
supply (Refer ADI Application Note 88 for a complete dis-
cussion). The low-loss ceramic capacitor combined with
stray inductance in series with the power source forms
an underdamped tank circuit, and the voltage at the VIN
pins of the LTM8080 can ring to more than twice the
nominal input voltage, possibly exceeding the LTM8080’s
rating and damaging the part. The input network should
be designed to prevent this overshoot if the input supply is
poorly controlled or the LTM8080 is hot-plugged into an
energized supply. This can be accomplished by installing
a small resistor in series to VIN, but the most popular
method of controlling input voltage overshoot is adding
an electrolytic bulk cap to the VIN net. This capacitor’s rel-
atively high equivalent series resistance damps the circuit
and eliminates the voltage overshoot. The extra capacitor
improves low-frequency ripple filtering and can slightly
improve the efficiency of the circuit, though it is likely to
be the most significant component in the circuit.
Thermal Considerations
The LTM8080 output current may need to be derated if
it is required to operate at a high ambient temperature.
The amount of current derating depends upon the input
voltage, output power, and ambient temperature. The der-
ating curves in the Typical Performance Characteristics
section can be used as a guide. The LTM8080 generated
these curves mounted to a 65.8cm2 4-layer FR4 printed
circuit board. Boards of other sizes and layer counts can
exhibit different thermal behavior, so it is incumbent upon
the user to verify proper operation over the intended sys-
tem’s line, load, and environmental operating conditions.
Many designers use FEA (finite element analysis) to pre-
dict thermal performance for increased accuracy and
fidelity to the actual application. The data sheet typically
gives three thermal coefficients:
1. θJA – Thermal resistance from junction to ambient.
2. θJCbot – Thermal resistance from the junction to the
bottom of the product case.
3. θJCtop – Thermal resistance from junction to the top
of the product case.
While the meaning of each of these coefficients may seem
to be intuitive, JEDEC has defined each to avoid confusion
and inconsistency. These definitions are given in JESD
51-12 and are as follows:
1. θJA is the natural convection junction-to-ambient air
thermal resistance measured in one cubic foot sealed
enclosure. This environment is sometimes referred to
as “still air,” although natural convection causes the
air to move. This value is determined with the part
mounted to a JESD 51-9 defined test board, which
does not reflect an actual application or viable oper-
ating condition.
2. θJCbot is the junction-to-board thermal resistance with
all component power dissipation flowing through the
bottom of the package. In the typical µModule reg-
ulator, the bulk of the heat flows out the bottom of
the package, but there is always heat flow out into
the ambient environment. As a result, this thermal
resistance value may be useful for comparing pack-
ages, but the test conditions don’t generally match
the user’s application.
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com