Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMLM0205 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMLM0205
Description  MULTI DISCRETE MODULE??SURFACE MOUNT N-CHANNEL MOSFET AND LOW VF SILICON SCHOTTKY DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMLM0205 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMLM0205 Datasheet HTML 1Page - Central Semiconductor Corp CMLM0205 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MAXIMUM RATINGS (SOT-563 Package): (TA=25°C)
SYMBOL
UNITS
Power Dissipation
PD
350
mW
Operating and Storage
Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
357
°C/W
MAXIMUM RATINGS Q1: (TA=25°C)
SYMBOL
UNITS
Drain-Source Voltage
VDS
60
V
Drain-Gate Voltage
VDG
60
V
Gate-Source Voltage
VGS
40
V
Continuous Drain Current
ID
280
mA
Continuous Source Current (Body Diode)
IS
280
mA
Maximum Pulsed Drain Current
IDM
1.5
A
Maximum Pulsed Source Current
ISM
1.5
A
MAXIMUM RATINGS D1: (TA=25°C)
SYMBOL
UNITS
Peak Repetitive Reverse Voltage
VRRM
40
V
Continuous Forward Current
IF
500
mA
Peak Repetitive Forward Current, tp
≤ 1ms
IFRM
3.5
A
Forward Surge Current, tp=8ms
IFSM
10
A
ELECTRICAL CHARACTERISTICS Q1: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
IGSSF
VGS=20V, VDS=0V
100
nA
IGSSR
VGS=20V, VDS=0V
100
nA
IDSS
VDS=60V, VGS=0V
1.0
µA
IDSS
VDS=60V, VGS=0V, Tj=125°C
500
µA
ID(ON)
VGS=10V, VDS ≥ 2VDS(ON)
500
mA
BVDSS
VGS=0V, ID=10µA
60
V
VGS(th)
VDS=VGS, ID=250µA
1.0
2.5
V
VDS(ON)
VGS=10V, ID=500mA
1.0
V
VDS(ON)
VGS=5.0V, ID=50mA
0.15
V
rDS(ON)
VGS=10V, ID=500mA
2.0
Ω
rDS(ON)
VGS=10V, ID=500mA, Tj=125°C
3.5
Ω
rDS(ON)
VGS=5.0V, ID=50mA
3.0
Ω
rDS(ON)
VGS=5.0V, ID=50mA, Tj=125°C
5.0
Ω
gFS
VDS ≥ 2VDS(ON), ID=200mA
80
mmhos
CMLM0205
MULTI DISCRETE MODULE ™
SURFACE MOUNT
N-CHANNEL MOSFET AND
LOW VF SILICON SCHOTTKY DIODE
SOT-563 CASE
Central
Semiconductor Corp.
TM
R0 (12-October 2004)
DESCRIPTION:
The Central Semiconductor CMLM0205 is a
Multi Discrete Module™ consisting of a single
N-Channel MOSFET and a Low VF Schottky diode
packaged in a space saving PICOmini™ SOT-563
case. This device is designed for small signal
general purpose applications where size and
operational efficiency are prime requirements.
• Combination: N-Channel MOSFET and
Low VF Schottky Diode.
MARKING CODE: C25
TM


Similar Part No. - CMLM0205

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMLM0205 CENTRAL-CMLM0205_10 Datasheet
588Kb / 2P
SURFACE MOUNT N-CHANNEL MOSFET AND LOW VF SILICON SCHOTTKY DIODE
CMLM0205 CENTRAL-CMLM0205_15 Datasheet
522Kb / 3P
LOW VF SCHOTTKY DIODE
More results

Similar Description - CMLM0205

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMLM0405 CENTRAL-CMLM0405 Datasheet
105Kb / 2P
MULTI DISCRETE MODULE??SURFACE MOUNT LOW VCE (SAT) SILICON NPN TRANSISTOR AND LOW VF SILICON SCHOTTKY DIODE
CMLM0605 CENTRAL-CMLM0605 Datasheet
105Kb / 2P
MULTI DISCRETE MODULE??SURFACE MOUNT LOW VCE (SAT) SILICON PNP TRANSISTOR AND LOW VF SILICON SCHOTTKY DIODE
CMLM0705 CENTRAL-CMLM0705 Datasheet
103Kb / 2P
MULTI DISCRETE MODULE??SURFACE MOUNT SILICON SWITCHING PNP TRANSISTOR AND LOW VF SILICON SCHOTTKY DIODE
CMLM2205 CENTRAL-CMLM2205 Datasheet
104Kb / 2P
MULTI DISCRETE MODULE??SURFACE MOUNT SILICON SWITCHING NPN TRANSISTOR AND LOW VF SILICON SCHOTTKY DIODE
CMLM7405 CENTRAL-CMLM7405 Datasheet
62Kb / 2P
MULTI DISCRETE MODULE??SURFACE MOUNT HIGH CURRENT LOW VCE (SAT) SILICON NPN TRANSISTOR AND LOW VF SILICON SCHOTTKY DIODE
CMLM0205 CENTRAL-CMLM0205_10 Datasheet
588Kb / 2P
SURFACE MOUNT N-CHANNEL MOSFET AND LOW VF SILICON SCHOTTKY DIODE
CMLM0574 CENTRAL-CMLM0574 Datasheet
592Kb / 2P
SURFACE MOUNT SILICON N-CHANNEL MOSFET AND LOW VF SCHOTTKY DIODE
CMLM0305 CENTRAL-CMLM0305 Datasheet
592Kb / 2P
SURFACE MOUNT N-CHANNEL MOSFET AND LOW VF SILICON SCHOTTKY DIODE
CMLM0305T CENTRAL-CMLM0305T Datasheet
591Kb / 2P
SURFACE MOUNT N-CHANNEL MOSFET AND LOW VF SILICON SCHOTTKY DIODE
CMLM0575 CENTRAL-CMLM0575 Datasheet
590Kb / 2P
SURFACE MOUNT SILICON N-CHANNEL MOSFET AND LOW VF SCHOTTKY DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com